Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8PS-16BP Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # H8PS-16BP
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16BP Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button H8PS-16BP Datasheet HTML 7Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 8Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 9Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 10Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 11Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 12Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 13Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 14Page - Omron Electronics LLC H8PS-16BP Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
H8PS
11
Nomenclature
■ Displays
■ Operation Keys
8-output Models
16-/32-output Models
Display Details
No. Display
color
Description
(1)
Orange
Lit while cam outputs are ON.
(2)
Red
PV: Lit while the present angular position or speed is displayed in
main display.
SV: Lit while the setting value is displayed in main display.
(3)
Orange
Lit while the start input is ON in Run or Test Mode.
Not lit when an error occurs.
(4)
Orange
Displays Encoder present angular position, direction, and speed
guidelines.
(5)
Green
Displays the bank number that is running in Run or Test Mode and
the bank number selected in Programming Mode.
(6)
Green
Displays the cam number for the angle setting displayed on sub-
display.
(7)
Green
Displays the step number for the angle setting displayed on sub-
display.
(8)
Orange
Lit while the All Protection function is enabled.
(9)
Orange
The indicator for the selected mode is lit.
PRG: Programming Mode
TST:
Test Mode
RUN: Run Mode
(10) Red
Displays the present angular position or the speed and settings
being made.
(11) Red
Displays units for the angle or the speed displayed on main display.
(12) Red
Lit while using an Encoder with a resolution of 256 if 256
° display is
selected.
(13) Green
Displays units for the angle or the speed displayed on sub-display.
(14) Green
Displays the speed or the ON/OFF angle settings.
(15) Green
Indicates whether main display displays the ON or OFF angle
setting.
(16) Green
Lit while setting the Advance Angle Compensation (ADV) Function.
CAM
STEP
(1) Cam output indicators
(2) PV/SV indicator
(4) Rotation display
monitor
(6) Cam No. display
(7) Step No. display
(8) All protect
indication
(9) Mode indicator
(10) Main display
(11) Unit indication
(13) Unit indication
(12) 256 indication
(14) Sub-display
(15) ON/OFF
indication
(16) ADV indication
12345678
PRG
TST
RUN
CAM
STEP
(8) All protect
indication
(9) Mode indicator
(10) Main display
(11) Unit indication
(13) Unit indication
(12) 256 indication
(14) Sub-display
(15) ON/OFF
indication
(16) ADV indication
123456789
10
PRG
TST
RUN
11 12 13 14 15 16 17 18 19 20
21 22 23 24 25 26 27 28 29 30
31 32
(3) Start input
indication
(5) Bank No. display
(2) PV/SV indicator
(4) Rotation display
monitor
(6) Cam No. display
(7) Step No. display
(1) Cam output indicators
8-output Models
16-/32-output Models
Operation Key Details
No.
Description
1
Displays program details in Run Mode.
2
Selects the cam number with
Keys.
3
Selects the step number with
Keys.
4
Selects the bank number.
5
Selects the ON angle, or OFF angle
6
Writes the set data to memory.
7
Changes the angle or other setting value with
Keys.
8
Connects the Cam Positioner to a personal computer via USB cable (order
separately) for programming with the Support Software (order separately).
9
Moves to the screen for clearing settings
10
Designates the current angle of the machine (Encoder) as the origin (0
°).
11
Programming or Test Mode: Press to shift to the ADV function setting
screen.
Programming Mode: Press and hold at least 3 s to shift to the Function
Setting Mode.
Run Mode: Press and hold at least 5 s to enable/disable the All Protection
function.
12
Switches modes.
Programming Mode (PRGM):
Used to write cam programs, set the ADV function,
etc.
Test Mode (TEST): Used to modify settings while the Encoder is running.
Run Mode (RUN):
Used for normal operation and to check the cam
program.
13
Select the method used for programming cams.
Teaching: ON/OFF Angles can be set based on actual machine (Encoder)
operation.
Manual:
ANGLE Keys can be used to set ON/OFF angles.
14
Sets the H8PS rotation direction (rotation display monitor, etc.) to the
machine (Encoder) rotation direction.
15
Sets the resolution of the connected Encoder.
Also sets the unit for angle display when using an Encoder with a
resolution of 256.
ORIGIN
CHECK
CAM
STEP
CLEAR
ANGLE
ADV
WRITE
DO NOT USE.
CW
CCW
PLS/R
ANG
DSPL
CAM
STEP
1. CHECK key
2. CAM keys
3. STEP keys
5. ON/OFF key
6. WRITE key
7. ANGLE keys
9. CLEAR key
10. ORIGIN key
13. Programming
mode switch
15. Encoder resolution
switch
12. Mode switch
PRGM
TEST
RUN
TCH
MAN
ON
OFF
OFF
ON
4
3
2
1
OFF
OFF
ON
ON
OFF
ON
OFF
720
360
360
360
360
256
256
256
ON
4
3
11. ADV key
14. Rotation direction
switch
1. CHECK key
2. CAM keys
3. STEP keys
5. ON/OFF key
6. WRITE key
7. ANGLE keys
9. CLEAR key
10. ORIGIN key
8. USB connector
4. BANK key
ON
OFF
OFF
ON
4
3
2
1
OFF
OFF
ON
ON
OFF
ON
OFF
720
360
360
360
360
256
256
256
ON
4
3
ORIGIN
CHECK
CAM
STEP
CLEAR
ANGLE
ADV
WRITE
DO NOT USE.
CW
CCW
PLS/R
ANG
DSPL
CAM
STEP
PRGM
TEST
RUN
TCH
MAN
BANK
13. Programming
mode switch
15. Encoder resolution
switch
12. Mode switch
14. Rotation direction
switch
11. ADV key


Similar Part No. - H8PS-16BP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS-8B OMRON-H8PS-8B Datasheet
215Kb / 16P
   Absolute Rotary Encoder
H8PS-8BF OMRON-H8PS-8BF Datasheet
215Kb / 16P
   Absolute Rotary Encoder
H8PS-8BFP OMRON-H8PS-8BFP Datasheet
215Kb / 16P
   Absolute Rotary Encoder
H8PS-8BP OMRON-H8PS-8BP Datasheet
215Kb / 16P
   Absolute Rotary Encoder
More results

Similar Description - H8PS-16BP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
   Cam Positioner
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
   Cam Positioner
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com