Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DA41TW-S Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3X-DA41TW-S
Description  Super Dual Fiber Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DA41TW-S Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3X-DA41TW-S Datasheet HTML 1Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 2Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 3Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 4Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 5Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 6Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 7Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 8Page - Omron Electronics LLC E3X-DA41TW-S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
This ECO label is indicated on produts
that meet the environmental standards
established by OMRON.
First in the industry
Optical
communi-
cations
Up to 10 Amplifiers
Display reset to 0.
Incident level
difference = 700
Threshold level
set to 350.
Selectable
Standard mode
Reverse mode
Environmentally friendly features are
essential in truly high-performance products.
During operation
(After 30 s without
an operation)
During operation
(After 30 s without
an operation)
Lights up if an
operation is
performed.
Display not lit.
Dimmed display
Cable disposal is not necessary.
Eco-mode
Simplified Connector Design
Reduced Power Wiring Saves Space
Patent Pending
Power supply pin
Optical
commun-
ications
Up to 16 Amplifiers can be connected.
Relay connectors
Relay connectors
not required.
<Using 5 Amplifiers>
Connector models
Prewired models
Eliminate the installation time, cost, and
space associated with relay connectors.
Streamlined
wiring
7 cables
Japan patent number 3266198
Lights up if an
operation is
performed.
The Same Ease-of-Use as the E3X-DA-N
Environmentally Friendly Design
8
9
Wiring time is significantly reduced.
Relay connectors are unnecessary, so wiring takes up less space.
Storage and maintenance are simpler because it isn't necessary to distin-
guish between master connector and slave connectors on the Amplifier.
1.
2.
3.
Zero reset
Zero reset
Zero reset
Master connector
Slave connector
Close-mounting of up to 10 Sensors
Shift
Shift
Shift
Pb
In Amplifiers with Connectors, the power supply is dis-
tributed to slave connectors through a single master
connector. This design has three major advantages.
Reversible Digital Display (Reverse Mode)
The digital display can be reversed to match the
Amplifier's mounting direction.
Zero reset function immediately
resets the digital display to 0.
The zero reset function can immediately reset the
digital display to 0 at any time. By setting the ref-
erence value to 0, the threshold value can be set
while monitoring differences in incident light lev-
els. The threshold value will also shift simultane-
ously when the zero reset button is pressed.
The E3X-DA-S uses OMRON's own
simplified wiring connectors that
were introduced with the E3X-DA-N.
Patent Pending
Japan patent number 3255229
Power is supplied
from the master
Amplifier Unit to
the slave Amplifier
Units through the
Master Connector.
15 cables
Separate
power
lines and output
lines are required
for each Amplifier.
Optical communications
prevents mutual interference.
Mutual interference is prevented with optical com-
munications, so up to 10 Amplifiers can be mount-
ed together.
(The number of Amplifiers depends on the operating conditions.)
With Workpiece
Without Workpiece
1
When the digital display is viewed infre-
quently during operation, current con-
sumption can be reduced by dimming the
display or turning it OFF entirely.
The display will light up again automatical-
ly when an operation key is touched. (Eco-
mode can be set from the Mobile Console
only.)
2 The digital display can be turned OFF or dimmed during operation.
The Fiber Sensor is the first in the industry
to use environmentally friendly lead-free
solder.
In addition to saving space and reducing
wiring time, the new connector design
eliminates the need to dispose of cables
together with the Amplifiers.
3 Cable disposal is not required during maintenance.
Materials containing lead have been completely eliminated.
No lead!


Similar Part No. - E3X-DA41TW-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA41TW OMRON-E3X-DA41TW Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DA41TW-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS-V21 ETC1-FS-V21 Datasheet
416Kb / 4P
   DUAL DIGITAL FIBER SENSOR
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-RT-2492 PF-MLV41-LL-RT-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
logo
FOTEK CONTROLS CO., LTD...
VF-06R FOTEK-VF-06R Datasheet
1,023Kb / 2P
   Twin trimmer Fiber sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com