Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-EF283 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # HMC-EF283
Description  High-speed Collection of System Data
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HMC-EF283 Datasheet(HTML) 4 Page - Omron Electronics LLC

  HMC-EF283 Datasheet HTML 1Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 2Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 3Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 4Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 5Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 6Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 7Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 8Page - Omron Electronics LLC HMC-EF283 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
CS1W-SPU01-V2/02-V2
Functional and Performance Specifications
* Memory Card: HMC-EF@@@ Memory Card from OMRON or commercially available compact flash card. Normal operation may not be possible
with commercially available compact flash cards depending on the manufacturer and model of the card.
General Specifications: Specifications conform to the general specifications of the SYSMAC CS-series CPU Units.
Item
Specifications
Unit model number
CS1W-SPU01/02-V2
Applicable CPU Units
CS Series
Unit classification
CPU Bus Unit
Unit number
0 to F
Mounting location
CPU Backplane or CS-series Expansion Backplane (Cannot be mounted to C200H Expansion I/O
Rack or SYSMAC BUS Remote I/O Slave Rack.)
No. of Units per PLC
16 Unit max.
Interfaces
PC card slot
PC card Type II, 1 slot (Conforms to PC Card Standard Release 8.0.)
Used by mounting Memory Card and HMC-AP001 Memory Card Adapter.
COMM port
For future expansion
Ethernet (LAN) ports
CS1W-SPU01-V2: One port (10/100Base-TX, RJ45 Modular Connector)
CS1W-SPU02-V2: Two ports (10/100Base-TX, RJ45 Modular Connectors)
UPS power failure input
24 VDC (+10%/-15%) input
Connect the power failure signal output line from the UPS.
Settings and operation
Unit number switch (UNIT)
Rotary switch: Sets the unit number of the Unit as a CPU Bus Unit.
Select switch (SELECT)
Toggle switch: Sets the number of the command to execute.
Enter button (ENTER)
Pushbutton switch: Confirms and starts execution of the command number set using the select
switch.
DIP switch (DIPSW)
DIP switch: System settings
Card button
Pressed to release the Memory Card inserted in the PC card slot. The Memory Card can then be
removed.
Indications
LED indicators
RUN, ERC, ERH, COMM, LAN1, LAN2, CARD, and PF-IN
7-segment display
• Displays error information and operating status of the SYSMAC SPU Unit.
• Displays the command number set on the select switch.
• Displays the IP address.
• Display other information.
Functions
• Sampling
• Saving files
• Network communications
• Recipe function
Operating modes
Data Storage Mode and Sampling Mode (Either mode can be selected with the Change Operating
Mode command.)
Current consumption
CS1W-SPU01-V2:
5 VDC, 560 mA max. (SYSMAC SPU Unit only)
Other: Memory Card (HMC-EF
@@@): 120 mA max.
(Supplied from Power Supply Unit.)
CS1W-SPU02-V2:
5 VDC, 700 mA max. (SYSMAC SPU Unit only)
Other: Memory Card (HMC-EF
@@@): 120 mA max.
(Supplied from Power Supply Unit.)
Dimensions
CS1W-SPU01/SPU02-V2:
35 × 130 × 101 mm (W × H × D)
Weight
CS1W-SPU01-V2:
280 g max. (including enclosed connector)
CS1W-SPU02-V2:
290 g max. (including enclosed connector)


Similar Part No. - HMC-EF283

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
HMC-EF283 OMRON-HMC-EF283 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - HMC-EF283

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Omron Electronics LLC
WT30 OMRON-WT30 Datasheet
352Kb / 8P
   Construct a Wireless System for ON/OFF Data Collection That Is Ideal for Monitoring Production Site Equipment
logo
Analog Devices
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
logo
Analog Devices
AD7891 AD-AD7891_15 Datasheet
1Mb / 20P
   LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
   High-Speed Data Quantizer
logo
Samtec, Inc
HDLSP-035-1000 SAMTEC-HDLSP-035-1000 Datasheet
396Kb / 1P
   HIGH-DENSITY/HIGH-SPEED CABLE SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com