Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS-AL002 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # NS-AL002
Description  Programmable Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NS-AL002 Datasheet(HTML) 3 Page - Omron Electronics LLC

  NS-AL002 Datasheet HTML 1Page - Omron Electronics LLC NS-AL002 Datasheet HTML 2Page - Omron Electronics LLC NS-AL002 Datasheet HTML 3Page - Omron Electronics LLC NS-AL002 Datasheet HTML 4Page - Omron Electronics LLC NS-AL002 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Small Size, Large Screen
The LCD screen is larger than the OMRON NT20S
(increased from 256 x 128 dots to 260 x 140 dots), but the
external dimensions and panel cut-out size are the same.
Two RS-232C Ports
Two RS-232C ports in the NT21 (compared with one in the
NT20S) enable simultaneous connection of a PLC, Bar
Code Reader, and NT Support Tool (connectable to serial
port A only).
Plenty of Capacity for Saving Graphic Screens
With 512 Kbytes of memory
capacity, there is more than
ample space for storing screen
data.
Versatile Communications
In addition to the Host Link and 1:1 NT Link
communications, the NT21 supports high-speed 1:N NT
Links and Memory Link communications.
4
5
Versatile I/O and Large-capacity
Screen Memory in a Space-saving Size
Versatile I/O and Large-capacity
Screen Memory in a Space-saving Size
Upgraded NT Support Tool Version (-
EV4.7)
Upgraded NT Support Tool Version (-
EV4.7)
Function Support Equivalent to That
of a Mid-size Operator Interface
Function Support Equivalent to That
of a Mid-size Operator Interface
Highly Reliable Hardware
Highly Reliable Hardware
Larger
screen
NT Support Tool
(screen creation/transfer)
RS-232C
NT21
RS-232C
PLC (host)
High-speed
1:N NT Links
RS-232C
Memory
Link
Personal
computer
(host)
RS-232C
PLC (host)
Abundant
graphic screen
storage
NT21
NT21
Long, Maintenance-Free Life (50,000 h)
The NT21 conforms to the EC Directives, as well as UL,
cULus (Class 1 Div2), and C-Tick.
The front panel has an enclosure rating equivalent to IP65F.
Conforms to International Standards
System and screen data can be stored in
NT21 Flash Memory.
Recipe Function
*C500-BAT08 Battery
(sold separately) required.
Alarm List/History(*)
Parts tables on the PT
screen can be used to set
multiple word data in
records, which can then
be written to the PLC by a
simple PT touch panel operation. For example, the setting
parameters for separate models can be edited on the PT,
then written to or read from the PLC.
An alarm message can be
displayed in response to
PLC bit status, and the
content and time of the
message can be stored as
an alarm history.
RS-232C
PLC (host)
The NT21 is equipped with many of the same functions as
the SYSMAC PLC Programming Console.
Programming Console Function
Up to 256 math equations can be stored in the PT
processing table to allow automatic PT processing, and
the results can be written to the numeral memory table or
other destinations. This makes it possible to perform
scaling and other mathematical operations automatically
in the PT.
Mathematical Functions
NT21
Programming Console
function
•I/O comments in the I/O tables of the CX-Programmer can
be used directly.
Enhanced Editing Functions
I/O comments for designated PLC addresses can be
used directly, with no need for CSV file conversion.
NT Support Tool
CX-Programmer
CX-Server
I/O comment data
•Symbol Manager previews
are supported.
This function makes it
possible to preview symbols
(parts created from graphics
data).
•Parts can be copied by drag &
drop operations of image,
library, or mark data.
•The properties of grouped
parts can be edited without
having to ungroup them.
•Because NT20S and NT31
screen data is compatible
with the NT21, existing software assets can be utilized
to greatly reduce the number of design steps.
Note: Some data revisions may be required due to size differences.
•Windows XP supported.
Model
NT21
NT11
NT11S
NT20S
Basic
performance
Display
elements
Special
functions
Communications
Dimensions
190 x 110 x 53.5 mm (H x W x D)
218 x 113 x 38.2 mm (H x W x D)
Resolution
Effective display area
260 x 140 dots
(5.2 inches)
256 x 128 dots
(4.91 inches)
117 x 63 mm
112 x 56 mm
500
Display color
Black & white (with blue mode)
Panel cut-out size (W x H)
178.5 x 100.5 mm
Max. number of
registered screens
3,999
96 KB
Screen data capacity
512 KB
None
Function keys
None
None
None
None
None
None
Other Keys
Rectangles, polygons,
arcs, sectors
Painting out
Image/library displays
256 positions per screen
Analog meters
50 positions per screen
None
Trend graphs
1 position per screen
None
Broken line graphs
1 position per screen
None
Alarm lists/histories
4 positions per screen
None
Recipes
1 position per screen
None
Interlocks
Supported
None
Mathematical
Function
Math equations: Max. 256
(arithmetic functions,
logic operations,
bit manipulations,
comparison operations)
None
Programming
Console function
(Executes functions
equivalent to C200H-PR027
and CS1 Programming
Consoles.)
None
High-quality font
Supported
None
Memory Unit
Supported
10,000 hours min.
Backlight service life
50,000 hours min.
Via RS-232C
communications
Memory Links
Supported
None
Bar Code Reader
connection
Supported
9,600/19,200
Host Link Speed
9,600/19,200
None
Supported
Supported
Comparison with the NT11
160 x 64 dots (4.24 inches)
100 x 40 mm
Black & white (with Yellow mode)
204.2 x 99.8 mm
250
32 KB
4
Numeric Keys, Cursor Keys, Function Keys
None
None
None
None
None
None
None
None
None
None
None
None (Emergency transfer mode)*
None
None
None
50,000 hours min.
10,000 hours min.
Up to 115,200
9,600/19,200
NT2
NT21
NT21
*Emergency transfer mode: When power to the NT11 is turned ON with DIP switch pin 3 turned ON, data transfer mode can be entered directly without any other operation.


Similar Part No. - NS-AL002

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NS-AL002 OMRON-NS-AL002 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
More results

Similar Description - NS-AL002

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NS-SERIES OMRON-NS-SERIES Datasheet
13Mb / 22P
   Programmable Terminals
logo
STMicroelectronics
ST5088 STMICROELECTRONICS-ST5088 Datasheet
275Kb / 33P
   PROGRAMMABLE AUDIO FRONT END FOR DIGITAL PHONES AND ISDN TERMINALS
logo
Meder Electronic
MK0241A66B1000W MEDER-MK0241A66B1000W Datasheet
170Kb / 2P
   terminals
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
Weidmuller
0207900000 WEIDMULLER-0207900000 Datasheet
102Kb / 1P
   Fuse terminals
logo
3M Electronics
M18BCK 3M-M18BCK Datasheet
27Kb / 2P
   Scotchlok??Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
3M Electronics
13-14 3M-13-14 Datasheet
38Kb / 5P
   Specialty Terminals
logo
ISOCOM COMPONENTS
IS355 ISOCOM-IS355 Datasheet
625Kb / 2P
   Computer terminals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com