Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3G5A2-ID001-E Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # 3G5A2-ID001-E
Description  Programmable Controllers
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-ID001-E Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button 3G5A2-ID001-E Datasheet HTML 7Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 8Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 9Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 10Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 11Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 12Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 13Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 14Page - Omron Electronics LLC 3G5A2-ID001-E Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 182 page
background image
6
Conformance to EC Directives
xiv
• Interlock circuits, limit circuits, and similar safety measures in external circuits
(i.e., not in the Programmable Controller) must be provided by the customer.
• Always use the power supply voltage specified in the operation manuals. An
incorrect voltage may result in malfunction or burning.
• Take appropriate measures to ensure that the specified power with the rated
voltage and frequency is supplied. Be particularly careful in places where the
power supply is unstable. An incorrect power supply may result in malfunction.
• Install external breakers and take other safety measures against short-circuit-
ing in external wiring. Insufficient safety measures against short-circuiting may
result in burning.
• Do not apply voltages to the Input Units in excess of the rated input voltage.
Excess voltages may result in burning.
• Do not apply voltages or connect loads to the Output Units in excess of the
maximum switching capacity. Excess voltages or loads may result in burning.
• Disconnect the functional ground terminal when performing withstand voltage
tests. Not disconnecting the functional ground terminal may result in burning.
• Install the Unit properly as specified in the operation manual. Improper installa-
tion of the Unit may result in malfunction.
• Be sure that all the mounting screws, terminal screws, and cable connector
screws are tightened to the torque specified in the relevant manuals. Incorrect
tightening torque may result in malfunction.
• Use crimp terminals for wiring. Do not connect bare stranded wires directly to
terminals. Connection of bare stranded wires may result in burning.
• Double-check all the wiring before turning on the power supply. Incorrect wir-
ing may result in burning.
• Be sure that the terminal blocks, Memory Units, expansion cables, and other
items with locking devices are properly locked into place. Improper locking
may result in malfunction.
• Check the user program for proper execution before actually running it on the
Unit. Not checking the program may result in an unexpected operation.
• Confirm that no adverse effect will occur in the system before attempting any of
the following. Not doing so may result in an unexpected operation.
• Changing the operating mode of the PC.
• Force-setting/force-resetting any bit in memory.
• Changing the present value of any word or any set value in memory.
• Resume operation only after transferring to the new CPU Unit the contents of
the DM Area, HR Area, and other data required for resuming operation. Not
doing so may result in an unexpected operation.
• Do not pull on the cables or bend the cables beyond their natural limit. Doing
either of these may break the cables.
• Do not place objects on top of the cables. Doing so may break the cables.
6
Conformance to EC Directives
The CV-series PCs that comply with EC Directives must be installed as follows:
1, 2, 3...
1. The CV-series PCs are designed for installation inside control panels. The
PC must be installed within a control panel.
2. Use reinforced insulation or double insulation for the DC power supplies to
be connected to the DC I/O Units for CV500-PS211. Use separate power
supplies as the external power supplies for the Relay Output Units and the
power supplies for the DC I/O Units.
3. To meet the EC Directives (Low Voltage Directive), the maximum switching
capacity while the CV500-PS211 is being operated is 24 VDC/2 A.


Similar Part No. - 3G5A2-ID001-E

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
3G534A-80M-27.000 EUROQUARTZ-3G534A-80M-27.000 Datasheet
237Kb / 1P
   5 x 3.2 x 1.2mm 4 pad SMD
3G534A-80N-27.000 EUROQUARTZ-3G534A-80N-27.000 Datasheet
237Kb / 1P
   5 x 3.2 x 1.2mm 4 pad SMD
3G534A-80T-27.000 EUROQUARTZ-3G534A-80T-27.000 Datasheet
237Kb / 1P
   5 x 3.2 x 1.2mm 4 pad SMD
3G534B-80M-27.000 EUROQUARTZ-3G534B-80M-27.000 Datasheet
237Kb / 1P
   5 x 3.2 x 1.2mm 4 pad SMD
3G534B-80N-27.000 EUROQUARTZ-3G534B-80N-27.000 Datasheet
237Kb / 1P
   5 x 3.2 x 1.2mm 4 pad SMD
More results

Similar Description - 3G5A2-ID001-E

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com