Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E69-C08B Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E69-C08B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E69-C08B Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E69-C08B Datasheet HTML 5Page - Omron Electronics LLC E69-C08B Datasheet HTML 6Page - Omron Electronics LLC E69-C08B Datasheet HTML 7Page - Omron Electronics LLC E69-C08B Datasheet HTML 8Page - Omron Electronics LLC E69-C08B Datasheet HTML 9Page - Omron Electronics LLC E69-C08B Datasheet HTML 10Page - Omron Electronics LLC E69-C08B Datasheet HTML 11Page - Omron Electronics LLC E69-C08B Datasheet HTML 12Page - Omron Electronics LLC E69-C08B Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
H8PS
9
■ Input Connections
Only the Encoder inputs are connected with 8-output Models. The inputs are no-voltage (short-circuit or open) inputs.
No-voltage Inputs
No-voltage Input Signal Levels
Note: Use a maximum DC power supply of 30 V.
■ Output Connections
Note: Internal circuit damage may result from a short circuit in the load.
NPN Output Models
Note: Do not exceed 1.6 A total for all cam outputs and the RUN
output.
PNP Output Models
Note: Do not exceed 1.6 A total for all cam outputs and the RUN
output.
H8PS-16
@
H8PS-32
@
6
7
8
9
10
11
Note: Operates when the contact turns ON.
Sensor, etc.
H8PS-16
@
H8PS-32
@
6
7
8
9
10
11
Note: Operates when the transistor turns ON.
H8PS-16
@
H8PS-32
@
Note: Operates when the transistor turns ON.
PLC,
sensor,
etc.
6
7
8
9
10
11
Open Collector
Contact Input
Voltage-output sensors can also be connected.
Connection Examples
No-contact inputs
Short-circuit level for transistor ON
• Residual voltage: 2 V max.
• Impedance when ON: 1 k
Ω max.
(The leakage current is approx. 2 mA
when the impedance is 0
Ω.)
Open level for transistor OFF
• Impedance when OFF: 100 k
Ω min.
Contact inputs
Use a contact that can adequately switch
2mA at 5 V.
Item
Cam outputs,
RUN output
Pulse output
Output method
NPN open collector
Dielectric strength
30 VDC
Rated current
100 mA (See note.)
30 mA
Residual voltage
2 VDC max.
0.5 VDC max.
Leakage current
100
µA max.
5
µA max.
Note: Always connect a diode to absorb
counter-electromotive force when
connecting an inductive load.
Load
Outputs
COM/(
−)
(See note.)
Item
Cam outputs,
RUN output
Pulse output
Output method
PNP open collector
Dielectric strength
8-output Models: 30 VDC
16-/32-output Models: 26.4 VDC
Rated current
100 mA (See note.)
30 mA
Residual voltage
2 VDC max.
Leakage current
100
µA max.
Vs (See note 2.)
Load
Outputs
COM/(
−)
(See note 1.)
Note: 1. Always connect a diode to absorb counter-electromotive force when
connecting an inductive load.
2. The VS terminal and power supply terminals are not connected internally.


Similar Part No. - E69-C08B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E69-C08B OMRON-E69-C08B Datasheet
215Kb / 16P
   Absolute Rotary Encoder
More results

Similar Description - E69-C08B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
   Cam Positioner
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
   Cam Positioner
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com