Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1H-CPU65H Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CJ1H-CPU65H
Description  CJ1 SYSTEM POWER AND EXPANSION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU65H Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CJ1H-CPU65H Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 9Page - Omron Electronics LLC CJ1H-CPU65H Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
System Power and Expansion
B-117
Programmable Controller
CJ1
Expansion Rack Configuration Checklist
J Expansion Rack Configuration
CJ1 Series Expansion Racks can be connected to CJ1 Series CPU Racks or other CJ1 Series Expansion Racks.
Rack
Configuration
Requirements
CJ1 Series Expansion
Rack
CJ1 Series Power Supply Unit
One of each Module required for every Expansion Rack. Connect
the I/O Interface Module to the right of the Power Supply Unit
Rack
I/O Interface Module CJ1W-II101
(Provided with 1 End Cover as a
standard accessory.)
the I/O Interface Module to the right of the Power Supply Unit.
Note: An I/O Control Module is required for each CJ1 Series
Expansion Rack.
CJ1 Series Basic I/O Module
Total number of Modules: 10 Modules max.
(M
ti
11
M d l
ill
lt i
f t l
)
CJ1 Series Special I/O Module
(Mounting 11 or more Modules will result in a fatal error.)
CJ1 Series CPU Bus Module
CS1/CJ1 Series I/O Connecting Cable
Required to connect I/O Control Modules to I/O Interface
Modules.
Note: The total length of CS1/CJ1 Series I/O Connecting Cable
used in the system must not exceed 12 m. Correct
operation is not ensured if the total cable length exceeds
12 m.
J Capacity Overview
CPU Models
Maximum I/O Modules per CPU
(depending on power supply capacity)
Maximum I/O Expansion Racks per CPU
(depending on power supply capacity)
CJ1M-CPU13
20
1
CJ1M-CPU23
CJ1G-CPU42H
30
2
CJ1G-CPU43H
CJ1G-CPU44H
40
3
CJ1G-CPU45H
CJ1H-CPU65H
CJ1H-CPU66H
J Products Used in Expansion Racks
Item
Model
Specifications
Cable
Length
CJ1 Series Power
S
l U it
CJ1W-PA205R
100 to 240 VAC (with RUN output), output capacity: 5 A, 5 VDC
Supply Unit
CJ1W-PA202
100 to 240 VAC, output capacity: 2.8 A, 5 VDC
CJ1W-PD025
24 VDC, 5A, 5 VDC
I/O Interface
Module
CJ1W-II101
One is required for each CJ1 Series Expansion Rack. An End Cover is
provided as a standard accessory. (Connect to an I/O Control Module on a
CPU Rack or to another I/O Interface Module on an Expansion Rack using
CS1/CJ1 Series Connecting Cable.)
End Cover
CJ1W-TER01
Required for the right-hand side of CJ1 Series Expansion Racks. One is
provided with I/O Interface Modules as a standard. (Not connecting an End
Cover will result in a fatal error.)
CJ1/CS1 Series
I/O C
ti
CS1W-CN313
Used to connect I/O Interface Modules (CJ1W-II101) to I/O Control Modules
(CJ1W IC101)
t
th
I/O I t f
M d l
0.3 m
/
I/O Connecting
Cables
CS1W-CN713
/
(
)
/
(CJ1W-IC101) or to other I/O Interface Modules.
0.7 m
Cables
CS1W-CN223
2m
CS1W-CN323
3m
CS1W-CN523
5m
CS1W-CN133
10 m
CS1W-CN133-B2
12 m
Special Ordering Information
Order one CJ1W-IC101 I/O Control Module for the CPU rack and one CJ1W-II101 I/O Interface Module for each I/O
Expansion rack.
Connect the modules with a cable of the appropriate length.
The second and third I/O Expansion racks connect between I/O Interface Modules.


Similar Part No. - CJ1H-CPU65H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1H-CPU65H OMRON-CJ1H-CPU65H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1H-CPU65H OMRON-CJ1H-CPU65H Datasheet
344Kb / 15P
   CPU Selection
CJ1H-CPU65H OMRON-CJ1H-CPU65H Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1H-CPU65H OMRON-CJ1H-CPU65H Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CJ1H-CPU65H OMRON-CJ1H-CPU65H Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
More results

Similar Description - CJ1H-CPU65H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-ID262 OMRON-CJ1W-ID262 Datasheet
418Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1G-CPU44H OMRON-CJ1G-CPU44H Datasheet
487Kb / 10P
   CJ1 SYSTEM POWER AND EXPANSION
CJ1W-CIF11 OMRON-CJ1W-CIF11 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
STMicroelectronics
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
   Automotive battery cut-off circuit and airbag system expansion IC
July 2021 Rev 5
logo
Advantech Co., Ltd.
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
   Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
logo
List of Unclassifed Man...
CY8CKIT-035 ETC2-CY8CKIT-035 Datasheet
2Mb / 49P
   POWER MANAGEMENT EXPANSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com