Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP34N20 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQP34N20
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP34N20 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQP34N20 Datasheet HTML 1Page - Fairchild Semiconductor FQP34N20 Datasheet HTML 2Page - Fairchild Semiconductor FQP34N20 Datasheet HTML 3Page - Fairchild Semiconductor FQP34N20 Datasheet HTML 4Page - Fairchild Semiconductor FQP34N20 Datasheet HTML 5Page - Fairchild Semiconductor FQP34N20 Datasheet HTML 6Page - Fairchild Semiconductor FQP34N20 Datasheet HTML 7Page - Fairchild Semiconductor FQP34N20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
  
 

6/


#-
6/
2/
**7
*8
**7
.



6/


#-
6/
2/
**7
*8
**7
.


6/
2/
*3
9*3


 
 


22

2/
)
6
6/
6/
2/
*3
9*3


 
 


22

2/
)
6
6/
-/ -/




2// 22
2//
22
2/
2//

22
-/
2/
2


6

 2

-/ -/



-/ -/







2// 22
2//
22
2/
2//

22
-/
2/
2


6

 2
 2

  #01 &$
"!#01 &$
2 $ 3"!#01 &$


Similar Part No. - FQP34N20

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FQP34N20 VBSEMI-FQP34N20 Datasheet
944Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQP34N20 ISC-FQP34N20 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP34N20L FAIRCHILD-FQP34N20L Datasheet
676Kb / 8P
   200V LOGIC N-Channel MOSFET
More results

Similar Description - FQP34N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com