Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DAB8 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3X-DAB8
Description  The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAB8 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3X-DAB8 Datasheet HTML 1Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 2Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 3Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 4Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 5Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 6Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 7Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 8Page - Omron Electronics LLC E3X-DAB8 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Digital Fiber Amplifier
E3X-DA-N
The Ultimate Fiber Amplifier for
Maximum Ease of Use and High
Performance
Be sure to read Safety Precautions
on page 23.
UL991*
* UL certification including UL 991 testing and evaluation
• Applicable standards: UL 3121-1
• Additional application testing and evaluations standards: UL 991 and SEMI S2-0200S
Features
Models with New Connector System
Reduces Wiring, Saves Space, and Makes
Maintenance Easier
In Amplifiers with wire-saving connectors, the power supply is
distributed to 1-conductor slave connectors through a 3-
conductor master connector. This design has three major
advantages.
1. Wiring time is significantly reduced.
2. Relay connectors are unnecessary, so wiring takes up less
space and costs are reduced.
3. Storage and maintenance are simpler because it isn't
necessary to distinguish between master connector and
slave connectors on the Amplifier.
Super Digital Display with Auto Power
Control (APC) Circuit
The passage of time causes the intensity of the Sensor's light-
emitting LED elements to deteriorate, which may make stable
detection impossible.
The E3X-DA-N is the first series of Fiber Sensors to use an
Auto Power Control (APC) circuit. This achieves strict
detection by eliminating fluctuation in the digital value and is
ideal for subtle detection such as stable detection of liquid-
crystal glass.
First in the Industry Patent Pending
Master connector
Simplified Connector Design
Slave connector
Up to 16 Amplifiers can
be connected.
Power
supply pin
Optical
communi-
cations
First in the Industry
Incident level
Time
Threshold
3000
Unstable detection
Incident level
Time
3000
Stable detection
Previous Digital
Fiber Amplifiers
E3X-DA-N Series
Threshold
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E3X-DAB8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DAB8-S OMRON-E3X-DAB8-S Datasheet
5Mb / 34P
   Super Dual Fiber Sensor
More results

Similar Description - E3X-DAB8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com