Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DAH8 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3X-DAH8
Description  The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAH8 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3X-DAH8 Datasheet HTML 1Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 2Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 3Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 4Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 5Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 6Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 7Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 8Page - Omron Electronics LLC E3X-DAH8 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
E3X-DA-N
Power Consumption Reduced by As Much
As 70%
Power consumption is
reduced by as much as 70%
from 1800 mW to 600 mW
(when the digital display is
OFF).
Digital Display Can Be Turned OFF or
Dimmed during Operation
When the digital display is viewed infrequently during
operation, current consumption can be reduced by dimming
the display or turning it OFF entirely.
(Eco-mode can be set from the Mobile Console only.)
New Generation of Mobile Consoles the Size of Cellular Phones.
Further Developing the Ultimate Power of Fiber Amplifiers.
Previous model
E3X-DA-N
(with digital display OFF)
600 mW
1800 mW
This eco-label is displayed on
products that meet
environmental standards
established by OMRON.
Eco-mode
Head
Function indicator
section
Light intensity monitor
Channel setting
section
Threshold
Operation keys
Battery monitor
Optical communications
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
New
Concept
Patent Pending
Flash the Sensor head and display the amplifier channels
during operation.
Even if the Amplifier and Sensor
head are separated during
operation, it is still possible to
flash the Sensor head and
display the amplifier channels.
Remote Setting and Adjustment
Perform settings, teaching, and fine adjustments at the
end of the Fiber Unit.
Display the light intensity and threshold at the same time.
Previously, settings and
teaching could be performed
only on the Amplifier. Now,
however, using a Mobile
Console enables these
operations at the end of the fiber.
Strict adjustments can be made
while checking the workpiece
position.
With group teaching, teach multiple amplifiers
simultaneously.
Eliminate inconsistency by using group zero reset.
The tedious teaching that had
to be performed separately for
each Amplifier can now be
performed for several
Amplifiers at once using the
Mobile Console.
The group zero reset function
can simultaneously reset the
digital displays of multiple
Amplifiers to 0. This function is
useful to minimize variation
between Amplifier values.
Group teaching
http://www.ia.omron.com/
2
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E3X-DAH8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-DA ETC1-E3X-DA Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-DA- OMRON-E3X-DA- Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA11 OMRON-E3X-DA11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA11-S OMRON-E3X-DA11-S Datasheet
5Mb / 34P
   Super Dual Fiber Sensor
More results

Similar Description - E3X-DAH8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
1Mb / 9P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com