Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-CW-T2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # M22-CW-T2
Description  Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M22-CW-T2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  M22-CW-T2 Datasheet HTML 1Page - Omron Electronics LLC M22-CW-T2 Datasheet HTML 2Page - Omron Electronics LLC M22-CW-T2 Datasheet HTML 3Page - Omron Electronics LLC M22-CW-T2 Datasheet HTML 4Page - Omron Electronics LLC M22-CW-T2 Datasheet HTML 5Page - Omron Electronics LLC M22-CW-T2 Datasheet HTML 6Page - Omron Electronics LLC M22-CW-T2 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M22
2
Ordering Information
Completely Assembled .... Shipped as a set which includes the Display, Lamp, and Socket Unit.
Indicator
Note: Insert a symbol indicating the color of the Operation Unit in the box in the model number above.
Appearance
Lighting
Operating
voltage
Set
Illumination color
Round/Flat
without Voltage
Reduction Unit
M22-F
LED
6 VAC/VDC
M22-F
@-6A
R (red)
Y (yellow)
G (green)
W (white)
A (blue)
12 VAC/VDC
M22-F
@-12A
24 VAC/VDC
M22-F
@-24A
Round/Flat
with Voltage
Reduction Unit
M22-F
LED
100 VAC
M22-F
@-T1
200 VAC
M22-F
@-T2
Square/Projection
without Voltage
Reduction Unit
M22-C
LED
6 VAC/VDC
M22-C
@-6A
12 VAC/VDC
M22-C
@-12A
24 VAC/VDC
M22-C
@-24A
Square/Projection
with Voltage
Reduction Unit
M22-C
LED
100 VAC
M22-C
@-T1
200 VAC
M22-C
@-T2
Individual models: Refer to pages 3 to 4.
(The Display, Lamp, and Socket Unit can be ordered separately.)
■ Specifications: Refer to page 5. ■ Dimensions: Refer to page 6.
■ Accessories: Refer to the A22.


Similar Part No. - M22-CW-T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M22-CK01 ETC2-M22-CK01 Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
M22-CK01 ETC2-M22-CK01 Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22-CK01D ETC2-M22-CK01D Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
M22-CK01D ETC2-M22-CK01D Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22-CK02 ETC2-M22-CK02 Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
More results

Similar Description - M22-CW-T2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22E-M-02B OMRON-A22E-M-02B Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
980 VCC-980 Datasheet
539Kb / 1P
   Dia Indicator Lights
logo
Omron Electronics LLC
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com