Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71024S15YI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 71024S15YI
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71024S15YI Datasheet(HTML) 2 Page - Integrated Device Technology

  71024S15YI Datasheet HTML 1Page - Integrated Device Technology 71024S15YI Datasheet HTML 2Page - Integrated Device Technology 71024S15YI Datasheet HTML 3Page - Integrated Device Technology 71024S15YI Datasheet HTML 4Page - Integrated Device Technology 71024S15YI Datasheet HTML 5Page - Integrated Device Technology 71024S15YI Datasheet HTML 6Page - Integrated Device Technology 71024S15YI Datasheet HTML 7Page - Integrated Device Technology 71024S15YI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6.42
2
IDT71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
NOTE:
1. Thisparameterisguaranteedbydevicecharacterization,butisnotproductiontested.
Truth Table(1,3)
Absolute Maximum Ratings(1)
Pin Configuration
SOJ
Top View
Recommended Operating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
NOTES:
1. H = VIH, L = VIL, X = Don't care.
2. VLC = 0.2V, VHC = VCC –0.2V.
3. Other inputs
≥VHCor ≤VLC.
Inputs
I/O
Function
WE
CS1
CS2
OE
X
H
X
X
High-Z
Deselected – Standby (ISB)
XVHC(2)
X
X
High-Z
Deselected – Standby (ISB1)
X
X
L
X
High-Z
Deselected – Standby (ISB)
XX
VLC(2)
X
High-Z
Deselected – Standby (ISB1)
H
L
H
H
High-Z
Outputs Disabled
HL
HL
DATAOUT Read Data
LL
H
X
DATAIN
Write Data
2964 tbl 01
NOTES:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sections of this specification is not implied. Exposure to absolute maximum rating
conditionsforextendedperiodsmayaffectreliability.
2. VTERM must not exceed VCC + 0.5V.
Symbol
Rating
Value
Unit
VTERM(2)
Terminal Voltage with Respect to GND –0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
o
C
TSTG
Storage Temperature
–55 to +125
o
C
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
2964 tbl 02
Grade
Temperature
GND
VCC
Commercial
0°C to +70°C
0V
5.0V ± 0.5V
Industrial
–40°C to +85°C
0V
5.0V ± 0.5V
2964 tbl 05
NOTE:
1. VIL (min.) = –1.5V for pulse width less than 10ns, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
VCC+0.5
V
VIL
Input Low Voltage
–0.5(1)
____
0.8
V
2964 tbl 04
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
8
pF
2964 tbl 03


Similar Part No. - 71024S15YI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71024S15YG RENESAS-71024S15YG Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
71024S15YG8 RENESAS-71024S15YG8 Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
71024S15YGI RENESAS-71024S15YGI Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
71024S15YGI8 RENESAS-71024S15YGI8 Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
More results

Similar Description - 71024S15YI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com