Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW2Z-100J-A8 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XW2Z-100J-A8
Description  Cost-Effective Servo Capability with Stepper Simplicity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-100J-A8 Datasheet(HTML) 7 Page - Omron Electronics LLC

  XW2Z-100J-A8 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-100J-A8 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-100J-A8 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-100J-A8 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-100J-A8 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-100J-A8 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-100J-A8 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-100J-A8 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
I-14
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
SmartStep Servos
Dimensions
Servo Drives Dimensions (mm)
Cylindrical Servo Motors (3,000 r/min) Dimensions (mm)
200 VAC: 30 W/50 W/100 W/200 W/400 W/750 W
Without brake: R7M-A03030-S1-D/A05030-S1-D/A10030-S1-D/A20030-S1-D/A40030-S1-D/A75030-S1-D
With brake: R7M-A03030-BS1-D/A05030-BS1-D/A10030-BS1-D/A20030-BS1-D/A40030-BS1-D/A75030-BS1-D
Input voltage
Rating
Drive model
H
W
D
1-phase, 100 VAC and 200 VAC
30 W
R7D-APA3H/L
160
55
130
50 W
R7D-APA5H/L
160
55
130
100 W
R7D-AP01H/L
160
55
130
200 W
R7D-AP02H/L
160
55
130
400 W
R7D-AP04H/L
160
75
130
1-phase, 200 VAC
750 W
R7D-AP08H
160
90
180
Model
Overall length
Flange surface
Axis end
LL
LR
C
D1
D2
F
G
Z
S
QK
b
h
t1
R7M-A03030-S1
69.5
25
40
46
30h7
2.5
5
Two, 4.3 dia.
6h6
14
2
2
1.2
R7M-A03030-BS1
101
25
40
46
30h7
2.5
5
Two, 4.3 dia.
6h6
14
2
2
1.2
R7M-A05030-S1
77
25
40
46
30h7
2.5
5
Two, 4.3 dia.
6h6
14
2
2
1.2
R7M-A05030-BS1
108.5
25
40
46
30h7
2.5
5
Two, 4.3 dia.
6h6
14
2
2
1.2
R7M-A10030-S1
94.5
25
40
46
30h7
2.5
5
Two, 4.3 dia.
8h6
14
3
3
1.8
R7M-A10030-BS1
135
25
40
46
30h7
2.5
5
Two, 4.3 dia.
8h6
14
3
3
1.8
R7M-A20030-S1
96.5
30
60
70
50h7
3
6
Four, 5.5 dia.
14h6
20
5
5
3
R7M-A20030-BS1
136
30
60
70
50h7
3
6
Four, 5.5 dia.
14h6
20
5
5
3
R7M-A40030-S1
124.5
30
60
70
50h7
3
6
Four, 5.5 dia.
14h6
20
5
5
3
R7M-A40030-BS1
164
30
60
70
50h7
3
6
Four, 5.5 dia.
14h6
20
5
5
3
R7M-A75030-S1
145
40
80
90
70h7
3
8
Four, 7 dia.
16h6
30
5
5
3
R7M-A75030-BS1
189.5
40
80
90
70h7
3
8
Four, 7 dia.
16h6
30
5
5
3
R7M-A
@@@30(-S1) (Without Brake)
*Axis End Dimensions
R7M-A
@@@30(-S1) (With Brake)


Similar Part No. - XW2Z-100J-A8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-100J-A8 OMRON-XW2Z-100J-A8 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - XW2Z-100J-A8

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
   STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
   STEPPER SERVO MOTOR
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com