Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1W-CN226 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CS1W-CN226
Description  CPU Selection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN226 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CS1W-CN226 Datasheet HTML 1Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN226 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CJ1 Ordering Guide
B-119
Programmable Controller
CJ1
Products Used in CPU Racks
J Power Supply Units and Expansion
Item
Description/Specifications
Standards
Part number
Power Supply Units
24 VDC; output capacity: 5 A, 5 VDC
UC, CE
CJ1W-PD025
pp y
100 to 240 VAC (with RUN output); output capacity: 5 A, 5 VDC
,
CJ1W-PA205R
100 to 240 VAC; output capacity: 2.8 A, 5 VDC
CJ1W-PA202
I/O Control Module
Mount 1 Module on the CPU Rack to allow the connection of an
Expansion Rack.
CJ1W-IC101
I/O Interface Module
1 required on each Expansion Rack for connection with CPU Rack
CJ1W-II101
I/O Connecting Cable
For connecting Expansion Racks to the CPU
R
k
th
E
i
R
k
Cable length: 0.3 m
L, CE
CS1W-CN313
/
g
g
p
Rack or another Expansion Rack.
Cable length: 0.7 m
,
CS1W-CN713
Cable length: 2 m
CS1W-CN223
Cable length: 3 m
CS1W-CN323
Cable length: 5 m
CS1W-CN523
Cable length: 10 m
CS1W-CN133
Cable length: 12 m
CS1W-CN133-B2
J Maintenance Parts and Accessories
Item
Description/Specifications
Standards
Part number
End Cover
One is required on the right-hand side of CJ1 Series CPU Racks.
One End Cover is provided with CPUs and I/O Interface Modules
as a standard accessory.
Note: Not mounting an End Cover on the right-hand side of the
CPU Rack will result in a fatal error.
UC, CE
CJ1W-TER01
DIN Track
Length: 0.5 m; height: 7.3 mm
PFP-50N
Length: 1 m; height: 7.3 mm
PFP-100N
Length: 1 m; height: 16 mm
PFP-100N2
End Plate
Used to lock CJ1 to Din Track
PFP-M


Similar Part No. - CS1W-CN226

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
1Mb / 22P
   Programmable Controller
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN226 OMRON-CS1W-CN226 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

Similar Description - CS1W-CN226

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
   Clock signal selection
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
   Antenna selection guidelines
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Freescale Semiconductor...
AN1668 FREESCALE-AN1668 Datasheet
161Kb / 6P
   Washing Appliance Sensor Selection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com