Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R88A-FIW115-E Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # R88A-FIW115-E
Description  Cost-Effective Servo Capability with Stepper Simplicity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R88A-FIW115-E Datasheet(HTML) 8 Page - Omron Electronics LLC

  R88A-FIW115-E Datasheet HTML 1Page - Omron Electronics LLC R88A-FIW115-E Datasheet HTML 2Page - Omron Electronics LLC R88A-FIW115-E Datasheet HTML 3Page - Omron Electronics LLC R88A-FIW115-E Datasheet HTML 4Page - Omron Electronics LLC R88A-FIW115-E Datasheet HTML 5Page - Omron Electronics LLC R88A-FIW115-E Datasheet HTML 6Page - Omron Electronics LLC R88A-FIW115-E Datasheet HTML 7Page - Omron Electronics LLC R88A-FIW115-E Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
I-15
SmartStep Servos
Flat Servo Motors (3,000 r/min) Dimensions (mm)
200 VAC: 100 W/200 W/400 W/750 W
Without brake: R7M-AP10030-S1-D/AP20030-S1-D/AP40030-S1-D/AP75030-S1-D
With brake: R7M-AP10030-BS1-D/AP20030-BS1-D/AP40030-BS1-D/AP75030-BS1-D
Model
Overall length
Flange surface
Axis end
LL
LR
C
D1
D2
F
G
Z
S
QK
b
h
t1
R7M-AP10030-S1
62
25
60
70
50h7
2.5
6
5.5 dia.
8h6
14
3
3
1.8
R7M-AP10030-BS1
91
25
60
70
50h7
2.5
6
5.5 dia.
8h6
14
3
3
1.8
R7M-AP20030-S1
67
30
80
90
70h7
3
8
7 dia.
14h6
16
5
5
3
R7M-AP20030-BS1
98.5
30
80
90
70h7
3
8
7 dia.
14h6
16
5
5
3
R7M-AP40030-S1
87
30
80
90
70h7
3
8
7 dia.
14h6
16
5
5
3
R7M-AP40030-BS1
118.5
30
80
90
70h7
3
8
7 dia.
14h6
16
5
5
3
R7M-AP75030-S1
86.5
40
120
145
110h7
3.5
10
10 dia.
16h6
22
5
5
3
R7M-AP75030-BS1
120
40
120
145
110h7
3.5
10
10 dia.
16h6
22
5
5
3
R7M-AP
@@@30(-S1) (Without Brake)
R7M-AP
@@@30(-S1) (With Brake)
*Axis End Dimensions


Similar Part No. - R88A-FIW115-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R88A-CCG002P2 OMRON-R88A-CCG002P2 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
R88A-CNG01A OMRON-R88A-CNG01A Datasheet
1Mb / 12P
   SmartStep 2 servo drive
R88A-CNG01B OMRON-R88A-CNG01B Datasheet
1Mb / 12P
   SmartStep 2 servo drive
R88A-CNG02R OMRON-R88A-CNG02R Datasheet
1Mb / 12P
   SmartStep 2 servo drive
R88A-CNU11C OMRON-R88A-CNU11C Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - R88A-FIW115-E

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
   STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
   STEPPER SERVO MOTOR
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com