Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V9950PFGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT5V9950PFGI
Description  3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9950PFGI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT5V9950PFGI Datasheet HTML 1Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 2Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 3Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 4Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 5Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 6Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 7Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 8Page - Integrated Device Technology IDT5V9950PFGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT5V9950
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK II JR.
OCTOBER
2008
2002
Integrated Device Technology, Inc.
DSC 5870/6
c
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Ref input is 5V tolerant
• 4 pairs of programmable skew outputs
• Low skew: 185ps same pair, 250ps all outputs
• Selectable positive or negative edge synchronization:
Excellent for DSP applications
• Synchronous output enable
• Input frequency: 6MHz to 200MHz
• Output frequency: 6MHz to 200MHz
• 2x, 4x, 1/2, and 1/4 outputs
• 3-level inputs for skew and PLL range control
• PLL bypass for DC testing
• External feedback, internal loop filter
• 12mA balanced drive outputs
• Low Jitter: <100ps cycle-to-cycle
• Available in TQFP package
FUNCTIONAL BLOCK DIAGRAM
sO E
1Q0
Skew
Select
1Q1
1F1:0
3
3
2Q0
Skew
Select
2Q1
2F1:0
FS
3
REF
PLL
FB
3
3
3Q0
Skew
Select
3Q1
3F1:0
3
3
4Q0
4Q1
Skew
Select
4F1:0
3
3
PE TEST
3
IDT5V9950
3.3V PROGRAMMABLE
SKEW PLL CLOCK DRIVER
TURBOCLOCK™ II JR.
DESCRIPTION:
The IDT5V9950 is a high fanout 3.3V PLL based clock driver intended
for high performance computing and data-communications applications. A
key feature of the programmable skew is the ability of outputs to lead or lag
the REF input signal. The IDT5V9950 has eight programmable skew
outputs in four banks of 2. Skew is controlled by 3-level input signals that
may be hard-wired to appropriate HIGH-MID-LOW levels.
When the
sOE pin is held low, all the outputs are synchronously enabled.
However, if
sOE is held high, all the outputs except 2Q0 and 2Q1 are
synchronously disabled.
Furthermore, when PE is held high, all the outputs are synchronized with
the positive edge of the REF clock input. When PE is held low, all the outputs
are synchronized with the negative edge of REF. The IDT5V9950 has
LVTTL outputs with 12mA balanced drive outputs.


Similar Part No. - IDT5V9950PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9950PFI IDT-IDT5V9950PFI Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results

Similar Description - IDT5V9950PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950 IDT-IDT5V9950 Datasheet
67Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT59910A IDT-IDT59910A Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com