Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R88A-CNU01C Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # R88A-CNU01C
Description  Cost-Effective Servo Capability with Stepper Simplicity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R88A-CNU01C Datasheet(HTML) 6 Page - Omron Electronics LLC

  R88A-CNU01C Datasheet HTML 1Page - Omron Electronics LLC R88A-CNU01C Datasheet HTML 2Page - Omron Electronics LLC R88A-CNU01C Datasheet HTML 3Page - Omron Electronics LLC R88A-CNU01C Datasheet HTML 4Page - Omron Electronics LLC R88A-CNU01C Datasheet HTML 5Page - Omron Electronics LLC R88A-CNU01C Datasheet HTML 6Page - Omron Electronics LLC R88A-CNU01C Datasheet HTML 7Page - Omron Electronics LLC R88A-CNU01C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
I-13
SmartStep Servos
Cylindrical Servo Motors without Brakes
Cylindrical Servo Motors with Brakes
Item
R7M-A03030-S1 R7M-A05030-S1
R7M-A10030-S1 R7M-A20030-S1 R7M-A40030-S1 R7M-A75030-S1
Rated output
30 W
50 W
100 W
200 W
400 W
750 W
Rated torque
0.095 N•m
0.159 N•m
0.318 N•m
0.637 N•m
1.27 N•m
2.39 N•m
Rated rotation speed
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
Momentary maximum
rotation speed
4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
Momentary maximum torque 0.29 N•m
0.48 N•m
0.96 N•m
1.91 N•m
3.82 N•m
7.1 N•m
Rated current (rms)
0.42 A
0.6 A
0.87 A
2.0 A
2.6 A
4.4 A
Momentary maximum
current (rms)
1.3 A
1.9 A
2.8 A
6.0 A
8.0 A
13.9 A
Rotor inertia
1.7 ×10-6 kg•m2
2.2 ×10-6 kg•m2
3.6 ×10-6 kg•m2
1.19 ×10-5 kg•m2
1.87 ×10-5 kg•m2
6.67 ×10-5 kg•m2
Power rate
5.31 kW/s
11.5 kW/s
28.1 kW/s
34.1 kW/s
86.3 kW/s
85.6 kW/s
Allowable radial load
68 N
68 N
78 N
245 N
245 N
392 N
Allowable thrust load
54 N
54 N
54 N
74 N
74 N
147 N
Weight without brake
0.3 kg
0.4 kg
0.5 kg
1.1 kg
1.7 kg
3.4 kg
Applicable servo driver
R7D-APA3H
R7D-APA5H
R7D-AP01H
R7D-AP02H
R7D-AP04H
R7D-AP08H
Encoder resolution
2,000 pulses/revolution for phase-A and phase-B, 1 pulse/revolution for phase-Z
Radiation shield dimensions t6× 250 mm square
Item
R7M-A0303-BS1 R7M-A05030-
BS1
R7M-A10030-
BS1
R7M-A20030-
BS1
R7M-A40030-
BS1
R7M-A75030-
BS1
Rated output
30 W
50 W
100 W
200 W
400 W
750 W
Rated torque
0.095 N•m
0.159 N•m
0.318 N•m
0.637 N•m
1.27 N•m
2.39 N•m
Rated rotation speed
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
3,000 r/min.
Momentary maximum
rotation speed
4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
4,500 r/min.
Momentary maximum torque 0.29 N•m
0.48 N•m
0.96 N•m
1.91 N•m
3.82 N•m
7.1 N•m
Rated current (rms)
0.42 A
0.6 A
0.87 A
2.0 A
2.6 A
4.4 A
Momentary maximum
current (rms)
1.3 A
1.9 A
2.8 A
6.0 A
8.0 A
13.9 A
Rotor inertia
1.7 ×10-6 kg•m2
2.2 ×10-6 kg•m2
3.6 ×10-6 kg•m2
1.19 ×10-5 kg•m2
1.87 ×10-5 kg•m2
6.67 ×10-5 kg•m2
Power rate
5.31 kW/s
11.5 kW/s
28.1 kW/s
34.1 kW/s
86.3 kW/s
85.6 kW/s
Allowable radial load
68 N
68 N
78 N
245 N
245 N
392 N
Allowable thrust load
54 N
54 N
54 N
74 N
74 N
147 N
Weight with brake
0.6 kg
0.7 kg
0.8 kg
1.6 kg
2.2 kg
4.3 kg
Applicable servo driver
R7D-APA3H
R7D-APA5H
R7D-AP01H
R7D-AP02H
R7D-AP04H
R7D-AP08H
Encoder resolution
2,000 pulses/revolution for phase-A and phase-B, 1 pulse/revolution for phase-Z
Radiation shield dimensions t6× 250 mm square
Brake
specifica-
tions
Brake inertia
0.85 ×10-6 kg•m2 0.85 ×10-6 kg•m2 0.85 ×10-6 kg•m2 6.4 ×10-6 kg•m2
6.4 ×10-6 kg•m2
1.7 ×10-5 kg•m2
Excitation
voltage
24 V DC ±10% V
Power
consumption
(at 20
° C)
6 W
6 W
6 W
7 W
7 W
7.7 W
Current
consumption
(at 20
° C)
0.25 A
0.25 A
0.25 A
0.29 A
0.29 A
0.32 A
Static friction
torque
0.2 N•m min.
0.2 N•m min.
0.34 N•m min.
1.47 N•m min.
1.47 N•m min.
2.45 N•m min.
Attraction time
30 ms max.
30 ms max.
30 ms max.
60 ms max.
60 ms max.
60 ms max.
Release time
60 ms max.
60 ms max.
60 ms max.
20 ms max.
20 ms max.
20 ms max.
Backlash
1
°
1
°
1
°
1
°
1
°
1
°
Rating
Continuous
Continuous
Continuous
Continuous
Continuous
Continuous
Insulation grade
Type F
Type F
Type F
Type F
Type F
Type F


Similar Part No. - R88A-CNU01C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R88A-CNU11C OMRON-R88A-CNU11C Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - R88A-CNU01C

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
CUI INC
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S_V01 Datasheet
762Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
   STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
   STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
   STEPPER SERVO MOTOR
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
   STEPPER SERVO MOTOR
02/20/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com