Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT40100VCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBT40100VCT
Description  UlTRA LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBT40100VCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBT40100VCT Datasheet HTML 1Page - Pan Jit International Inc. SBT40100VCT Datasheet HTML 2Page - Pan Jit International Inc. SBT40100VCT Datasheet HTML 3Page - Pan Jit International Inc. SBT40100VCT Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
July 11,2013-REV.00
SBT40100VCT
UlTRA LOW VF SCHOTTKY RECTIFIER
VOLTAGE
100 Volts
40 Amperes
FEATURES
• Ultra Low forward voltage drop, low power losses
• High efficiency operation
• Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case : TO-220AB, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight: 0.065 ounces, 1.859 grams.
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Note : 1. Mounted on infinite heatsink.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage per diode
VBR
I R=0.5mA
100
-
-
V
Instantaneous forward voltage per diode
VF
I F=5A
I F=10A
I F=20A
TJ=25oC
-
-
-
0.48
0.57
0.71
-
-
0.76
V
I F=5A
I F=10A
I F=20A
TJ=125oC
-
-
-
0.41
0.53
0.68
-
-
-
V
Reverse current per diode
I R
VR=70V
-
-
5
6
-
-
A
mA
VR=100V
TJ=25oC
TJ=125oC
-
-
-
12
120
-
A
mA
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum rms voltage
VRMS
70
V
Maximum dc blocking voltage
VR
100
V
Maximum average forward rectified current
per device
per diode
I F(AV)
40
20
A
Peak forward surge current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
250
A
Typical thermal resistance
(Note 1)
RJC
2
O C/W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC


Similar Part No. - SBT40100VCT

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SBT40100VCT SUNMATE-SBT40100VCT Datasheet
728Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SBT40100VCT ASEMI-SBT40100VCT Datasheet
875Kb / 5P
   40 Ampere low vf Schottky diode
2018.11 Rev.3.1
logo
Pan Jit International I...
SBT40100VCT PANJIT-SBT40100VCT_16 Datasheet
252Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT40100VCT_T0_00001 PANJIT-SBT40100VCT_T0_00001 Datasheet
252Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBT40100VCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10100VCT PANJIT-SBT10100VCT_16 Datasheet
229Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM2045VFCT PANJIT-SBM2045VFCT_16 Datasheet
317Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT1550VS PANJIT-SBT1550VS_16 Datasheet
268Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com