Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71024S20YG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71024S20YG
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71024S20YG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71024S20YG Datasheet HTML 1Page - Integrated Device Technology IDT71024S20YG Datasheet HTML 2Page - Integrated Device Technology IDT71024S20YG Datasheet HTML 3Page - Integrated Device Technology IDT71024S20YG Datasheet HTML 4Page - Integrated Device Technology IDT71024S20YG Datasheet HTML 5Page - Integrated Device Technology IDT71024S20YG Datasheet HTML 6Page - Integrated Device Technology IDT71024S20YG Datasheet HTML 7Page - Integrated Device Technology IDT71024S20YG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6.42
IDT71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
5
NOTES:
1. WE is HIGH for Read Cycle.
2. Device is continuously selected, CS1 is LOW, CS2 is HIGH.
3. Address must be valid prior to or coincident with the later of CS1 transition LOW and CS2transition HIGH; otherwise tAA is the limiting parameter.
4. OEisLOW.
5. Transitionismeasured±200mVfromsteadystate.
Timing Waveform of Read Cycle No. 1(1)
Timing Waveform of Read Cycle No. 2(1,2,4)


Similar Part No. - IDT71024S20YG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024S20Y IDT-IDT71024S20Y Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S20YI IDT-IDT71024S20YI Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
More results

Similar Description - IDT71024S20YG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com