Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9600AE Datasheet(PDF) 11 Page - Integrated Device Technology

Part # MPC9600AE
Description  Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9600AE Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button MPC9600AE Datasheet HTML 7Page - Integrated Device Technology MPC9600AE Datasheet HTML 8Page - Integrated Device Technology MPC9600AE Datasheet HTML 9Page - Integrated Device Technology MPC9600AE Datasheet HTML 10Page - Integrated Device Technology MPC9600AE Datasheet HTML 11Page - Integrated Device Technology MPC9600AE Datasheet HTML 12Page - Integrated Device Technology MPC9600AE Datasheet HTML 13Page - Integrated Device Technology MPC9600AE Datasheet HTML 14Page - Integrated Device Technology MPC9600AE Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MPC9600 REVISION 6 JANUARY 7, 2013
11
©2013 Integrated Device Technology, Inc.
MPC9600 Data Sheet
LOW VOLTAGE, 2.5V AND 3.3V LVCMOS PLL CLOCK DRIVER
At the load end the voltage will double due to the near unity
reflection coefficient, to 2.6 V. It will then increment towards the
quiescent 3.0 V in steps separated by one round trip delay (in this
case 4.0 ns).
Figure 9. Single versus Dual Waveforms
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines the situation in
Figure 10 should be used. In this case the series terminating
resistors are reduced such that when the parallel combination is
added to the output buffer impedance the line impedance is
perfectly matched.
Figure 10. Optimized Dual Line Termination
The following figures illustrate the measurement reference for
the MPC9600 clock driver circuit.
Figure 11. CCLK MPC9600 AC Test Reference
Figure 12. PCLK MPC9600 AC Test Reference
OutB
tD = 3.9386
OutA
tD = 3.8956
In
2
4
6
8
10
12
14
Time (ns)
3.0
2.5
2.0
1.5
1.0
0.5
0
ZO = 50 
ZO = 50 
14
MPC9600
Output
Buffer
RS = 22 
RS = 22 
14
 + 22  || 22  = 50  || 50 
25
 = 25 
Pulse
Generator
Z = 50

RT = 50 
ZO = 50 
RT = 50 
ZO = 50 
MPC9600 DUT
VTT
VTT
Differential Pulse
Generator
Z = 50
RT = 50 
ZO = 50 
RT = 50
ZO = 50
MPC9600 DUT
VTT
VTT


Similar Part No. - MPC9600AE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
   LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
   LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
More results

Similar Description - MPC9600AE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
   3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com