Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC962305D-1 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # MPC962305D-1
Description  Low-Cost, 3.3V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC962305D-1 Datasheet(HTML) 5 Page - Integrated Device Technology

  MPC962305D-1 Datasheet HTML 1Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 2Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 3Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 4Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 5Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 6Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 7Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 8Page - Integrated Device Technology MPC962305D-1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MPC962305 REVISION 8 JANUARY 8, 2013
5
©2013 Integrated Device Technology, Inc.
MPC962305 Data Sheet
LOW-COST, 3.3V ZERO DELAY BUFFEr
APPLICATIONS INFORMATION
Figure 1. Output-to-Output Skew tSK(O)
Figure 2. Static Phase Offset Test Reference
Figure 3. Output Duty Cycle (DC)
Figure 4. Device-to-Device Skew
Figure 5. Cycle-to-Cycle Jitter
Figure 6. Output Transition Time Test Reference
The pin-to-pin skew is defined as the worst case difference in propagation
delay between any similar delay path within a single device
VCC
1.4 V
GND
VCC
1.4 V
GND
t5
VCC
VCC 2
GND
VCC
VCC 2
GND
t6
CCLK
FB_IN
The time from the PLL controlled edge to the non-controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
1.4 V
GND
t2
t1
DC = t2/t1 x 100%
VCC
VCC 2
GND
VCC
VCC 2
GND
t7
DEVICE 1
DEVICE 2
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs
tN
tJ = |tN–tN+1|
tN+1
t4
t3
VCC = 3.3 V
2.0
0.8


Similar Part No. - MPC962305D-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962305D-1 MOTOROLA-MPC962305D-1 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962305D-1H MOTOROLA-MPC962305D-1H Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962305D-1HR2 MOTOROLA-MPC962305D-1HR2 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962305D-1R2 MOTOROLA-MPC962305D-1R2 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
More results

Similar Description - MPC962305D-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com