Electronic Components Datasheet Search |
|
MPC962309D-1 Datasheet(PDF) 3 Page - Integrated Device Technology |
|
MPC962309D-1 Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 18 page MPC962305 REVISION 8 JANUARY 8, 2013 3 ©2013 Integrated Device Technology, Inc. MPC962305 Data Sheet LOW-COST, 3.3V ZERO DELAY BUFFEr Table 3. Select Input Decoding for MPC962309 S2 S1 CLOCK A1–A4 CLOCK B1–B4 CLKOUT(1) 1. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and output. Output Source PLL Shutdown 0 0 Three-State Three-State Driven PLL N 0 1 Driven Three-State Driven PLL N 1 0 Driven Driven Driven Reference Y 1 1 Driven Driven Driven PLL N Table 4. Maximum Ratings Characteristics Value Unit Supply Voltage to Ground Potential 0.5 to +3.9 V DC Input Voltage (Except Ref) 0.5 to VDD+0.5 V DC Input Voltage REF 0.5 to 5.5 V Storage Temperature 65 to +150 C Junction Temperature 150 C Static Discharge Voltage (per MIL-STD-883, Method 3015) >2000 V Table 5. Operating Conditions for MPC962305-X and MPC962309-X Industrial Temperature Devices Parameter Description Min Max Unit VDD Supply Voltage 3.0 3.6 V TA Operating Temperature (Ambient Temperature) 40 85 C CL Load Capacitance, below 100 MHz 30 pF CL Load Capacitance, from 100 MHz to 133 MHz 10 pF CIN Input Capacitance 7 pF Table 6. Electrical Characteristics for MPC962305-X and MPC962309-X Industrial Temperature Devices(1) 1. All parameters are specified with loaded outputs. Parameter Description Test Conditions Min Max Unit VIL Input LOW Voltage(2) 2. REF input has a threshold voltage of VPP/2. 0.8 V VIH Input HIGH Voltage(2) 2.0 V IIL Input LOW Current VIN = 0 V 50.0 A IIH Input HIGH Current VIN = VDD 100.0 A VOL Output LOW Voltage(3) 3. Parameter is guaranteed by design and characterization. Not 100% tested in production. IOL = 8 mA (1) IOH = 12 mA (1H) 0.4 V VOH Output HIGH Voltage(3) IOH = 8 mA (1) IOL = 12 mA (1H) 2.4 V IDD (PD mode) Power Down Supply Current REF = 0 MHz 25.0 A IDD Supply Current Unloaded outputs at 66.67 MHz, SEL inputs at VDD 35.0 mA |
Similar Part No. - MPC962309D-1 |
|
Similar Description - MPC962309D-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |