Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70180PF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V70180PF
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70180PF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V70180PF Datasheet HTML 2Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 3Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 4Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 5Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 6Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 7Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 8Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 9Page - Integrated Device Technology IDT72V70180PF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT72V70180 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 128 x 128
Connection Memory
10000001
10000010
Data Memory
0
0
0
0
1
1
1
0
2
1
1
3
Stream
Control Register
CRb7
5716 drw03
10000000
The Control Register is only accessed when A7-A0
are all zeroed. When A7 =1, up to 32 bytes are
randomly accessable via A0-A4 at any one instant.
Of which stream these bytes (channels) are accessed
is determined by the state of CRb1 -CRb0.
CRb6CRb5CRb4CRb3CRb2CRb1CRb0
CRb1CRb0
0
1
CRb4
10011111
External Address Bits A7-A0
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
Channel 31
Channel 31
Channel 31
Channel 31
Figure 3. Addressing Internal Memories
If the LPBK bit is high, the associated TX output channel data is internally
looped back to the RX input channel (i.e., RX n channel m data comes from the
TX n channel m). If the LPBK bit is low, the loopback feature is disabled. For
proper per-channel loopback operation, the contents of the frame delay offset
registers must be set to zero.
INITIALIZATION OF THE IDT72V70180
After power up, the state of the connection memory is unknown. As such,
theoutputsshouldbeputinhighimpedancebyholdingtheODElow. Whilethe
ODE is low, the microprocessor can initialize the device, program the active
paths, and disable unused outputs by programming the OE bit in connection
memory. Once the device is configured, the ODE pin (or OSB bit depending
on initialization) can be switched.
CONNECTION MEMORY CONTROL
If the ODE pin or the OSB bit is high, the OE bit of each connection memory
location controls the output drivers-enables (if high) or disables (if low). See
Table 4 for detail.
Theprocessorchannel(PC)bitoftheconnectionmemoryselectsbetween
Processor Mode and Connection Mode. If high, the contents of the connection
memoryareoutputontheTXstreams. Iflow,thestreamaddressbit(SAB)and
the channel address bit (CAB) of the connection memory defines the source
information(streamandchannel)ofthetime-slotthatwillbeswitchedtotheoutput
from data memory.
The
V/C(Variable/ConstantDelay)bitineachconnectionmemorylocation
allows the per-channel selection between variable and constant throughput
delay modes.


Similar Part No. - IDT72V70180PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
More results

Similar Description - IDT72V70180PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT72V8981 RENESAS-IDT72V8981 Datasheet
335Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
AUGUST 2003
logo
Integrated Device Techn...
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com