Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59930C0080A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59930C0080A070
Description  PTC thermistors for overcurrent protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59930C0080A070 Datasheet(HTML) 3 Page - EPCOS

  B59930C0080A070 Datasheet HTML 1Page - EPCOS B59930C0080A070 Datasheet HTML 2Page - EPCOS B59930C0080A070 Datasheet HTML 3Page - EPCOS B59930C0080A070 Datasheet HTML 4Page - EPCOS B59930C0080A070 Datasheet HTML 5Page - EPCOS B59930C0080A070 Datasheet HTML 6Page - EPCOS B59930C0080A070 Datasheet HTML 7Page - EPCOS B59930C0080A070 Datasheet HTML 8Page - EPCOS B59930C0080A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
General technical data
Max. operating voltage
(TA = 60
°C)
Vmax
80
VDC or VAC
Rated voltage
VR
63
VDC or VAC
Switching cycles
N
100
Tolerance of RR
(Tref = 80
°C or 120 °C)
∆R
R
±25
%
Tolerance of RR
(Tref = 130
°C)
∆R
R
±20
%
Operating temperature range
(V = 0)
Top
40/+125
°C
Operating temperature range
(V = Vmax, Tref = 80
°C)
Top
40/+85
°C
Operating temperature range
(V = Vmax, Tref = 120
°C/130 °C) T
op
40/+125
°C
Electrical specifications and ordering codes
Type
IR
mA
IS
mA
ISmax
(V = Vmax)
A
Ir
(V = Vmax)
typ.
mA
Tref
°C
RR
Rmin
Ordering code
C910
1000
1500
10.0
60
130
1.2
0.8
B59910C0130A070
C930
700
1400
10.0
50
120
1.65
1.1
B59930C0120A070
C930
700
1100
8.0
50
130
2.2
1.5
B59930C0130A070
C940
450
900
8.0
40
120
2.3
1.5
B59940C0120A070
C930
340
700
10.0
35
80
1.65
1.1
B59930C0080A070
C950
320
640
5.5
30
120
3.7
2.4
B59950C0120A070
C950
320
500
4.3
25
130
4.9
3.2
B59950C0130A070
C960
250
500
4.3
25
120
5.6
3.7
B59960C0120A070
C960
250
380
3.0
20
130
8.0
5.2
B59960C0130A070
C940
245
500
8.0
25
80
2.3
1.5
B59940C0080A070
C950
170
350
5.5
20
80
3.7
2.4
B59950C0080A070
C970
150
300
3.0
20
120
9.4
6.2
B59970C0120A070
C970
150
240
1.0
18
130
20
13.2
B59970C0130A070
C960
130
265
4.3
15
80
5.6
3.7
B59960C0080A070
C970
90
190
3.0
11
80
9.4
6.2
B59970C0080A070
C980
85
170
1.0
16
120
25
16.5
B59980C0120A070
C980
85
130
0.7
15
130
62
40.9
B59980C0130A070
C980
50
110
1.0
8
80
25
16.5
B59980C0080A070
C990
50
100
0.7
12
120
55
36.3
B59990C0120A070
C990
30
60
0.7
5
80
55
36.3
B59990C0080A070
Overcurrent protection
Leaded disks, coated, 63 V
C910 ... C990
Page 3 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59930C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59930C0080A070 EPCOS-B59930C0080A070 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59930C0080A070 EPCOS-B59930C0080A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B59930C0080A070 EPCOS-B59930C0080A070 Datasheet
600Kb / 15P
   PTC thermistors for overcurrent protection
B59930C0080A070 EPCOS-B59930C0080A070 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59930C0080A070 EPCOS-B59930C0080A070 Datasheet
599Kb / 15P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59930C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com