Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59100M1140A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59100M1140A070
Description  PTC thermistors as limit temperature sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59100M1140A070 Datasheet(HTML) 3 Page - EPCOS

  B59100M1140A070 Datasheet HTML 1Page - EPCOS B59100M1140A070 Datasheet HTML 2Page - EPCOS B59100M1140A070 Datasheet HTML 3Page - EPCOS B59100M1140A070 Datasheet HTML 4Page - EPCOS B59100M1140A070 Datasheet HTML 5Page - EPCOS B59100M1140A070 Datasheet HTML 6Page - EPCOS B59100M1140A070 Datasheet HTML 7Page - EPCOS B59100M1140A070 Datasheet HTML 8Page - EPCOS B59100M1140A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical specifications and ordering codes
Tsense
°C
R
(Tsense
∆T)
(VPTC
≤ 2.5 V)
R
(Tsense +
∆T)
(VPTC
≤ 2.5 V)
R
(Tsense + 15 K)
(VPTC
≤ 7.5 V)
R
(Tsense + 23 K)
(VPTC
≤ 2.5 V)
Ordering code
∆T = ±5 K
60
≤ 570
≥ 570
-
≥ 10 k
B59100M1060A070
70
≤ 570
≥ 570
-
≥ 10 k
B59100M1070A070
80
≤ 570
≥ 570
-
≥ 10 k
B59100M1080A070
90
≤ 550
≥ 1330
≥ 4 k
-
B59100M1090A070
100
≤ 550
≥ 1330
≥ 4 k
-
B59100M1100A070
110
≤ 550
≥ 1330
≥ 4 k
-
B59100M1110A070
120
≤ 550
≥ 1330
≥ 4 k
-
B59100M1120A070
130
≤ 550
≥ 1330
≥ 4 k
-
B59100M1130A070
140
≤ 550
≥ 1330
≥ 4 k
-
B59100M1140A070
145
≤ 550
≥ 1330
≥ 4 k
-
B59100M1145A070
150
≤ 550
≥ 1330
≥ 4 k
-
B59100M1150A070
155
≤ 550
≥ 1330
≥ 4 k
-
B59100M1155A070
160
≤ 550
≥ 1330
≥ 4 k
-
B59100M1160A070
∆T = ±7 K
170
≤ 570
≥ 570
-
≥ 10 k
B59100M1170A070
180
≤ 570
≥ 570
-
≥ 10 k
B59100M1180A070
Color coding of litz wires (to DIN 44081)
Tsense
°C
Color
60
white/grey
70
white/brown
80
white/white
90
green/green
100
red/red
110
brown/brown
120
grey/grey
130
blue/blue
140
white/blue
145
white/black
150
black/black
155
blue/black
160
blue/red
170
white/green
180
white/red
Sensors
Motor protection, single sensors
M1100
Page 3 of 11
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59100M1140A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59100M1140A070 EPCOS-B59100M1140A070 Datasheet
79Kb / 4P
   Motor Protection, Single Sensors
B59100M1140A070 EPCOS-B59100M1140A070 Datasheet
338Kb / 8P
   Motor protection, single sensors
B59100M1140A070 EPCOS-B59100M1140A070 Datasheet
414Kb / 8P
   PTC thermistors
B59100M1140A070 EPCOS-B59100M1140A070 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
More results

Similar Description - B59100M1140A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59421A0075A062_1007 EPCOS-B59421A0075A062_1007 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com