Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59970C0080A070 Datasheet(PDF) 2 Page - EPCOS

Part # B59970C0080A070
Description  PTC thermistors for overcurrent protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59970C0080A070 Datasheet(HTML) 2 Page - EPCOS

  B59970C0080A070 Datasheet HTML 1Page - EPCOS B59970C0080A070 Datasheet HTML 2Page - EPCOS B59970C0080A070 Datasheet HTML 3Page - EPCOS B59970C0080A070 Datasheet HTML 4Page - EPCOS B59970C0080A070 Datasheet HTML 5Page - EPCOS B59970C0080A070 Datasheet HTML 6Page - EPCOS B59970C0080A070 Datasheet HTML 7Page - EPCOS B59970C0080A070 Datasheet HTML 8Page - EPCOS B59970C0080A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Applications
Overcurrent and short-circuit protection
Features
Lead-free terminals
Wide range of rated currents:
30 mA up to 1 A
Manufacturer's logo and type designation
stamped on in black or red for Tref = 80
°C
and for Tref = 120
°C and 130 °C
stamped on in white
UL approval for Tref = 120
°C and 130 °C to
UL 1434 with Vmax = 65 V and VR = 63 V
(file number E69802)
UL approval for Tref = 80
°C to UL 1434 with
Vmax = 63 V and VR = 50 V
(file number E69802)
VDE approval (license number 104843 E)
RoHS-compatible
Options
Leadless disks and leaded disks without
coating available on request
Thermistors with diameter b
≤ 11.0 mm are
also available on tape (to IEC 60286-2)
Delivery mode
Cardboard strips (standard)
Cardboard tape reeled or in Ammo pack on
request
Dimensional drawing
Dimensions (mm)
Type
Tref
°C
bmax
hmax
∅d
C910
130
22.0
25.5
0.8
C930
80
22.0
25.5
0.6
C930
120
22.0
25.5
0.6
C930
130
17.5
21.0
0.8
C940
80
17.5
21.0
0.6
C940
120
17.5
21.0
0.6
C950
80
13.5
17.0
0.6
C950
120
13.5
17.0
0.6
C950
130
11.0
14.5
0.6
C960
80
11.0
14.5
0.6
C960
120
11.0
14.5
0.6
C960
130
9.0
12.5
0.6
C970
80
9.0
12.5
0.6
C970
120
9.0
12.5
0.6
C970
130
6.5
10.0
0.6
C980
80
6.5
10.0
0.6
C980
120
6.5
10.0
0.6
C980
130
4.0
7.5
0.6
C990
80
4.0
7.5
0.5
C990
120
4.0
7.5
0.5
Overcurrent protection
Leaded disks, coated, 63 V
C910 ... C990
Page 2 of 13
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59970C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
600Kb / 15P
   PTC thermistors for overcurrent protection
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59970C0080A070 EPCOS-B59970C0080A070 Datasheet
599Kb / 15P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59970C0080A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
   PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
   PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
   PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
   PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59607A120A62 EPCOS-B59607A120A62 Datasheet
706Kb / 27P
   PTC thermistors for overcurrent protection
OC_LEADED_230V_C_B598 EPCOS-OC_LEADED_230V_C_B598 Datasheet
673Kb / 16P
   PTC thermistors for overcurrent protection
B59975C120A70 EPCOS-B59975C120A70 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com