Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162244TPVGB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 74FCT162244TPVGB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER Reduced system switching noise
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT162244TPVGB Datasheet(HTML) 3 Page - Integrated Device Technology

  74FCT162244TPVGB Datasheet HTML 1Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 2Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 3Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 4Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 5Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 6Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT162244T/AT/CT/ET
FASTCMOS16-BITBUFFER/LINEDRIVER
3
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current (Input pins)(5)
VCC = Max.
VI = VCC
——
±1µ A
Input HIGH Current (I/O pins)(5)
——
±1
IIL
Input LOW Current (Input pins)(5)
VI = GND
±1µ A
Input LOW Current (I/O pins)(5)
——
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
±1µ A
IOZL
(3-State Output pins)(5)
VO = 0.5V
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–80
–140
–250
mA
VH
Input Hysteresis
100
mV
ICCL
Quiescent Power Supply Current
VCC = Max.
5
500
µ A
ICCH
VIN = GND or VCC
ICCZ
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±10%; Military: TA = –55°C to +125°C, VCC = 5.0V ±10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3)
60
115
200
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3)
–60
–115
–200
mA
VOH
Output HIGH Voltage
VCC = Min
IOH = –16mA MIL
2.4
3.3
V
VIN = VIH or VIL
IOH = –24mA COM'L
VOL
Output LOW Voltage
VCC = Min
IOH = 16mA MIL
0.3
0.55
V
VIN = VIH or VIL
IOH = 24mA COM'L
OUTPUT DRIVE CHARACTERISTICS
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Duration of the condition can not exceed one second.
5. This test limit for this parameter is ±5µA at TA = –55°C.


Similar Part No. - 74FCT162244TPVGB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT162244TPVGB RENESAS-74FCT162244TPVGB Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results

Similar Description - 74FCT162244TPVGB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com