Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC162245A Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74LVC162245A
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC162245A Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74LVC162245A_08 Datasheet HTML 1Page - Integrated Device Technology IDT74LVC162245A_08 Datasheet HTML 2Page - Integrated Device Technology IDT74LVC162245A_08 Datasheet HTML 3Page - Integrated Device Technology IDT74LVC162245A_08 Datasheet HTML 4Page - Integrated Device Technology IDT74LVC162245A_08 Datasheet HTML 5Page - Integrated Device Technology IDT74LVC162245A_08 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC162245A
3.3V CMOS 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
5
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500
Ω
500
Ω
CL
RT
VIN
VOUT
(1, 2)
LVC Link
INPUT
VIH
0V
VOH
VOL
tPLH1
tSK (x)
OUTPUT 1
OUTPUT 2
tPHL1
tSK (x)
tPLH2
tPHL2
VT
VT
VOH
VT
VOL
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
LVC Link
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
LVC Link
DATA
INPUT
0V
0V
0V
0V
tREM
TIMING
INPUT
ASYNCHRONOUS
CONTROL
SYNCHRONOUS
CONTROL
tSU
tH
tSU
tH
VIH
VT
VIH
VT
VIH
VT
VIH
VT
LVC Link
LOW-HIGH-LOW
PULSE
HIGH-LOW-HIGH
PULSE
VT
tW
VT
LVC Link
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
CLOSED
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
OPEN
tPHZ
0V
VOL+VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VOH-VHZ
LVC Link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuit for All Outputs
Enable and Disable Times
Set-up, Hold, and Release Times
NOTES:
1.
For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs.
2.
For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
Output Skew - tSK(X)
Pulse Width
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Symbol
VCC
(1)= 3.3V±0.3V VCC(1)=2.7V
VCC
(2)= 2.5V±0.2V
Unit
VLOAD
6
6
2 x Vcc
V
VIH
2.7
2.7
Vcc
V
VT
1.5
1.5
Vcc / 2
V
VLZ
300
300
150
mV
VHZ
300
300
150
mV
CL
50
50
30
pF
TEST CONDITIONS
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
VLOAD
Enable Low
Disable High
GND
Enable High
All Other Tests
Open


Similar Part No. - IDT74LVC162245A_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC162245APA IDT-IDT74LVC162245APA Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC162245APF IDT-IDT74LVC162245APF Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC162245APV IDT-IDT74LVC162245APV Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
More results

Similar Description - IDT74LVC162245A_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC162245A RENESAS-IDT74LVC162245A Datasheet
315Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC162245A IDT-IDT74LVC162245A Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVCR162245A RENESAS-IDT74LVCR162245A Datasheet
275Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16245A RENESAS-IDT74LVC16245A Datasheet
324Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com