Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC162245APAG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74LVC162245APAG
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC162245APAG Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74LVC162245APAG Datasheet HTML 1Page - Integrated Device Technology IDT74LVC162245APAG Datasheet HTML 2Page - Integrated Device Technology IDT74LVC162245APAG Datasheet HTML 3Page - Integrated Device Technology IDT74LVC162245APAG Datasheet HTML 4Page - Integrated Device Technology IDT74LVC162245APAG Datasheet HTML 5Page - Integrated Device Technology IDT74LVC162245APAG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVC162245A
3.3V CMOS 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
ORDERING INFORMATION
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
PV
PA
PAG
PF
162
74
Shrink Small Outline Package
Thin Shrink Small Outline Package
TSSOP - Green
Thin Very Small Outline Package
16-Bit Bus Transceiver
-40°C to +85°C
XXX
Family
Bus-Hold
245A
No Bus-hold
Double-Density 3.3Volt with Resistors, ±12mA (A Port)
Blank
±24mA (B Port)
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com


Similar Part No. - IDT74LVC162245APAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC162245APA IDT-IDT74LVC162245APA Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVC162245APAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC162245A RENESAS-IDT74LVC162245A Datasheet
315Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC162245A IDT-IDT74LVC162245A Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVCR162245A RENESAS-IDT74LVCR162245A Datasheet
275Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16245A RENESAS-IDT74LVC16245A Datasheet
324Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com