Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVCH16245APV Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74LVCH16245APV
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16245APV Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74LVCH16245APV Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16245APV Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16245APV Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16245APV Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16245APV Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16245APV Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH16245A
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
1
OCTOBER
2008
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2006 Integrated Device Technology, Inc.
DSC-4596/4
FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Available in SSSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
IDT74LVCH16245A
DESCRIPTION:
This 16-bit bus transceiver is built using advanced dual metal CMOS
technology. This high-speed, low power transceiver is ideal for asynchro-
nous communication between two busses (A and B). The Direction and
Output Enable controls are designed to operate this device as either two
independent 8-bit transceivers or one 16-bit transceiver. The direction
control pin (DIR) controls the direction of data flow. The output enable pin
(
OE) overrides the direction control and disables both ports. All inputs are
designed with hysteresis for improved noise margin.
All pins can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V supply system.
The LVCH16245A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
The LVCH16245A has “bus-hold” which retains the inputs' last state
whenever the input goes to a high impedance. This prevents floating inputs
and eliminates the need for pull-up/down resistors.
3.3V CMOS 16-BIT
BUS TRANSCEIVER
WITH 3-STATE OUTPUTS,
5 VOLT TOLERANT I/O AND BUS-HOLD
1
DIR
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B8
1
B7
1
B6
1
B5
1
B4
1
B3
1
B2
1
B1
1
OE
2
DIR
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B8
2
B7
2
B6
2
B5
2
B4
2
B3
2
B2
2
B1
2
OE
1
47
46
44
43
41
40
38
37
48
2
3
5
6
8
9
11
12
24
36
35
33
32
30
29
27
26
25
13
14
16
17
19
20
22
23


Similar Part No. - IDT74LVCH16245APV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH16245APV IDT-IDT74LVCH16245APV Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
More results

Similar Description - IDT74LVCH16245APV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCHR162245A IDT-IDT74LVCHR162245A Datasheet
103Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCHR162245A RENESAS-IDT74LVCHR162245A Datasheet
486Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
OCTOBER 2015
IDT74LVCH16646A RENESAS-IDT74LVCH16646A Datasheet
528Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
JANUARY 2016
logo
Integrated Device Techn...
IDT74LVCH16646A IDT-IDT74LVCH16646A Datasheet
118Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCH32245A IDT-IDT74LVCH32245A Datasheet
135Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
Renesas Technology Corp
74LVCH32245A RENESAS-74LVCH32245A Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCH162245A IDT-IDT74LVCH162245A Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com