Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V175LT5CP Datasheet(PDF) 8 Page - Littelfuse

Part # V175LT5CP
Description  Radial Lead Varistors > C-III series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V175LT5CP Datasheet(HTML) 8 Page - Littelfuse

Back Button V175LT5CP Datasheet HTML 2Page - Littelfuse V175LT5CP Datasheet HTML 3Page - Littelfuse V175LT5CP Datasheet HTML 4Page - Littelfuse V175LT5CP Datasheet HTML 5Page - Littelfuse V175LT5CP Datasheet HTML 6Page - Littelfuse V175LT5CP Datasheet HTML 7Page - Littelfuse V175LT5CP Datasheet HTML 8Page - Littelfuse V175LT5CP Datasheet HTML 9Page - Littelfuse V175LT5CP Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2013 Littelfuse, Inc.
120
Revised: June 5, 2013
Varistor Products
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
Product Dimensions (mm)
Øb
e
1
e
ØD
25.4
(1.00)
E
A
CRIMPED AND TRIMMED LEAD
*SEATING
PLANE
L
TRIM
A
TRIM
Dimension
V
RMS Voltage
Model
10mm Size
14mm Size
20mm Size
Min.
Max.
Min.
Max.
Min.
Max.
A
All
12.0 (0.472)
16.0 (0.630)
13.5 (0.531)
20.0 (0.787)
17.5 (0.689)
28.0 (1.102)
ØD
All
10.0 (0.394)
12.5 (0.492)
13.5 (0.531)
17.0 (0.669)
17.5 (0.689)
23.0 (0.906)
e
All
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5 (0.335)
e
1
130 - 320
1.5 (0.059)
5.5 (0.216)
1.5 (0.059)
4.5 (0.177)
1.5 (0.059)
4.5 (0.177)
385 - 680
2.5 (0.098)
7.5 (0.295)
2.5 (0.098)
7.5 (0.295)
2.5 (0.098)
7.5 (0.295)
> 680
4.5 (0.177)
9.5 (0.374)
4.5 (0.177)
9.5 (0.374)
4.5 (0.177)
9.5 (0.374)
E
130 - 320
-
7.3 (0.287)
-
7.3 (0.287)
-
7.3 (0.287)
385 - 680
11.0 (0.433)
11.0 (0.433)
11.0 (0.433)
> 680
14.0 (0.551)
14.0 (0.551)
14.0 (0.551)
Øb
130 - 625
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
>625
0.95 (0.037)
1.05 (0.041)
A
TRIM
All
19.5 (0.768)
23.5 (0.925)
30.0 (1.18)
L
TRIM
All
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
Dimensions are in millimeters (inches)
1. 10mm lead spacing also available. See additional lead style options.
2. 7mm and 12mm devices also available upon request. Contact factory for details.
CRIMPED AND TRIMMED LEADS
Radial lead types can be supplied with combination preformed
crimp and trimmed leads. This option is supplied to the
dimensions shown below.
*Seating plane interpretation per IEC-60717


Similar Part No. - V175LT5CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LT10C LITTELFUSE-V175LT10C Datasheet
271Kb / 10P
   Radial Lead Varistors > C-III series
More results

Similar Description - V175LT5CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LT10C LITTELFUSE-V175LT10C Datasheet
271Kb / 10P
   Radial Lead Varistors > C-III series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com