Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83021AMILF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 83021AMILF
Description  1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83021AMILF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 83021AMILF Datasheet HTML 2Page - Integrated Device Technology 83021AMILF Datasheet HTML 3Page - Integrated Device Technology 83021AMILF Datasheet HTML 4Page - Integrated Device Technology 83021AMILF Datasheet HTML 5Page - Integrated Device Technology 83021AMILF Datasheet HTML 6Page - Integrated Device Technology 83021AMILF Datasheet HTML 7Page - Integrated Device Technology 83021AMILF Datasheet HTML 8Page - Integrated Device Technology 83021AMILF Datasheet HTML 9Page - Integrated Device Technology 83021AMILF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ICS83021I
1-TO-1 DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
IDT™ / ICS™ LVCMOS/LVTTL TRANSLATOR
6
ICS83031AMI REV. C OCTOBER 31, 2008
Parameter Measurement Information
3.3V Core/3.3V LVCMOS Output Load AC Test Circuit
Differential Input Level
3.3V Output Rise/Fall Time
2.5V Core/2.5V LVCMOS Output Load AC Test Circuit
Part-to-Part Skew
2.5V Output Rise/Fall Time
SCOPE
Qx
LVCMOS
GND
VDD
1.65V±0.15V
-1.65V±0.15V
VDD
GND
CLK
nCLK
V
CMR
Cross Points
V
PP
0.8V
2V
2V
0.8V
tR
t F
Q0
SCOPE
Qx
LVCMOS
GND
VDD
1.25V±5%
-1.25V±5%
tsk(pp)
V
DDO
2
V
DDO
2
Part 1
Part 2
Qx
Qy
20%
80%
80%
20%
tR
t F
Q0


Similar Part No. - 83021AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83021AMILF IDT-83021AMILF Datasheet
320Kb / 12P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
83021AMILF RENESAS-83021AMILF Datasheet
513Kb / 13P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
logo
Integrated Device Techn...
83021AMILFT IDT-83021AMILFT Datasheet
320Kb / 12P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
83021AMILFT RENESAS-83021AMILFT Datasheet
513Kb / 13P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
More results

Similar Description - 83021AMILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83021I RENESAS-83021I Datasheet
513Kb / 13P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
   1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
   2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
logo
Integrated Device Techn...
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com