Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5796055-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5796055-2
Description  RECEPTACLE ASSEMBLY, RIGHT ANGLE, 68 POS, SHIELDED, CHAMP 0.8MM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5796055-2 Datasheet(HTML) 2 Page - Tyco Electronics

  5796055-2 Datasheet HTML 1Page - Tyco Electronics 5796055-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 5796055-2

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
579604B00000G AAVID-579604B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
579604B00000G AAVID-579604B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
579604B03300G AAVID-579604B03300G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
579604B03300G AAVID-579604B03300G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
Tyco Electronics
5796078-1 MACOM-5796078-1 Datasheet
913Kb / 9P
   Power Connectors & Interconnection Systems
More results

Similar Description - 5796055-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4040 MACOM-408-4040 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
5787082-2 MACOM-5787082-2 Datasheet
253Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES AMPLIMITE
1-787082-8 MACOM-1-787082-8 Datasheet
242Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES, AMPLIMITE
logo
List of Unclassifed Man...
71271-050CALF ETC2-71271-050CALF Datasheet
333Kb / 3P
   68 POS. EJECT HEADER ASSEMBLY WITH THREADED INSERTS
logo
FCI connector
71271-050CALF FCI-CONNECTOR-71271-050CALF Datasheet
333Kb / 3P
   68 POS. EJECT HEADER ASSEMBLY WITH THREADED INSERTS
logo
List of Unclassifed Man...
S894-10-068-00-240000 ETC1-S894-10-068-00-240000 Datasheet
81Kb / 1P
   68 POS. PLCC ADAPTER
logo
Tyco Electronics
5767089-1 MACOM-5767089-1 Datasheet
172Kb / 1P
   RECEPTACLE ASSEMBLY, RIGHT ANGLE
5787745-4 MACOM-5787745-4 Datasheet
97Kb / 1P
   RECEPTACLE ASSEMBLY, RIGHT ANGLE
5748394-5 MACOM-5748394-5 Datasheet
185Kb / 1P
   AMPLIMITE HD-22 62 POS RECEPTACLE, RIGHT ANGLE
5212045-1 MACOM-5212045-1 Datasheet
91Kb / 1P
   RECEPTACLE ASSY, RIGHT ANGLE, SHIELDED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com