Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841608I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS841608I
Description  FEMTOCLOCKS CRYSTAL-TO-HCSL CLOCK GENERATOR VCO: 500MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841608I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS841608I Datasheet HTML 7Page - Integrated Device Technology ICS841608I Datasheet HTML 8Page - Integrated Device Technology ICS841608I Datasheet HTML 9Page - Integrated Device Technology ICS841608I Datasheet HTML 10Page - Integrated Device Technology ICS841608I Datasheet HTML 11Page - Integrated Device Technology ICS841608I Datasheet HTML 12Page - Integrated Device Technology ICS841608I Datasheet HTML 13Page - Integrated Device Technology ICS841608I Datasheet HTML 14Page - Integrated Device Technology ICS841608I Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IDT/ ICSHCSL CLOCK GENERATOR
11
ICS841608AKI REV. A JUNE 18, 2008
ICS841608I
FEMTOCLOCKS™ CRYSTAL-TO-HCSL CLOCK GENERATOR
RECOMMENDED TERMINATION
Figure 6A is the recommended termination for applications
which require the receiver and driver to be on a separate PCB.
All traces should be 50
Ω impedance.
FIGURE 6A. RECOMMENDED TERMINATION
Figure 6B is the recommended termination for applications
which require a point to point connection and contain the driver
FIGURE 6B. RECOMMENDED TERMINATION
and receiver on the same PCB. All traces should all be 50
Ω
impedance.
0.7V Differential HCSL
Clock Driver
0.7V Differential HCSL
Clock Driver
0.7V Differential HCSL
Add-In Card


Similar Part No. - ICS841608I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841608AKIT IDT-ICS841608AKIT Datasheet
397Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-HCSL CLOCK GENERATOR
More results

Similar Description - ICS841608I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841608AKIT IDT-ICS841608AKIT Datasheet
397Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841654I IDT-ICS841654I Datasheet
339Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-HCSL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844252-04 ICST-ICS844252-04 Datasheet
165Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844021I-01 ICST-ICS844021I-01 Datasheet
161Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com