Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

810001DK-21LFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 810001DK-21LFT
Description  FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

810001DK-21LFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 810001DK-21LFT Datasheet HTML 7Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 8Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 9Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 10Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 11Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 12Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 13Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 14Page - Integrated Device Technology 810001DK-21LFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS810001DK-21 REVISION B APRIL 13, 2010
11
©2010 Integrated Device Technology, Inc.
ICS810001-21 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Applications Information
Recommendations for Unused Input Pins
Inputs:
CLK Inputs
For applications not requiring the use of a clock input, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the CLK input to ground.
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter perform ance,
power supply isolation is required. The ICS810001-21 provides
separate power supplies to isolate any high switching noise from the
outputs to the internal PLL. VDD, VDDA, VDDO and VDDX should be
individually connected to the power supply plane through vias, and
0.01µF bypass capacitors should be used for each pin. Figure 1
illustrates this for a generic VDD pin and also shows that VDDA
requires that an additional 10
Ω resistor along with a 10µF bypass
capacitor be connected to the VDDA pin.
Figure 1. Power Supply Filtering
VDD
VDDX
VDDA
3.3V
10
10
10µF
.01µF
.01µF
10µF
.01µF


Similar Part No. - 810001DK-21LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001DK-21LFT IDT-810001DK-21LFT Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
More results

Similar Description - 810001DK-21LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
   VCXO-TO-LVCMOS/LVTTL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com