Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS34X2245 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS34X2245
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS34X2245 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS34X2245_12 Datasheet HTML 1Page - Integrated Device Technology IDTQS34X2245_12 Datasheet HTML 2Page - Integrated Device Technology IDTQS34X2245_12 Datasheet HTML 3Page - Integrated Device Technology IDTQS34X2245_12 Datasheet HTML 4Page - Integrated Device Technology IDTQS34X2245_12 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDTQS34X2245
HIGH-SPEEDCMOSQUICKSWITCH32-BITMULTIWIDTHBUSSWITCHES
INDUSTRIALTEMPERATURERANGE
AUGUST 2012
2012 Integrated Device Technology, Inc.
DSC-5556/5
c
INDUSTRIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• Bidirectional switches connect inputs to outputs
• Zero propagation delay, zero ground bounce
• Internal 25Ω
Ω
Ω
Ω
Ω resistors for low noise
• Flow-through pinout for easy layout
• Undershoot clamp diodes on all switch and control inputs
• TTL-compatible control inputs
• Available in 80-pin MilliPaQ™ package
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Bus switching and isolation
• Power conservation
• Logic replacement (data processing)
• Capacitance isolation
• Clock gating
IDTQS34X2245
QUICKSWITCH® PRODUCTS
HIGH-SPEED CMOS
QUICKSWITCH 32-BIT
MULTIWIDTH™ BUS SWITCHES
DESCRIPTION:
The QS34X2245 is a member of the MultiWidthTM family of QuickSwitch
devicesandprovidesasetof32high-speedCMOScompatiblebusswitches
in a flow-through pinout. This device is available in the MillipaQ package,
the worlds first small outline 32-bit solution. The low ON-resistance of the
QS34X2245 allows inputs to be connected to outputs without adding
propagation delay and without generating additional ground bounce noise.
Internal 25
Ω resistors reduce reflection noise in high-speed applications.
When Output Enable (OEn) is low, the switches are turned on, connecting
bus A to bus B. When OEn is high, the switches are turned off. This device
isideallysuitedfor32/64bitapplicationswhereboardspaceisatapremium.
QuickSwitch devices provide speeds an order of magnitude faster than
conventional logic devices.
The QS34X2245 is characterized for operation at -40°C to +85°C.
B0
OE1
A0
B1
A1
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
B8
OE2
A8
B9
A9
B10
A10
B11
A11
B12
A12
B13
A13
B14
A14
B15
A15
B16
OE3
A16
B17
A17
B18
A18
B19
A19
B20
A20
B21
A21
B22
A22
B23
A23
B24
OE4
A24
B25
A25
B26
A26
B27
A27
B28
A28
B29
A29
B30
A30
B31
A31


Similar Part No. - IDTQS34X2245_12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X2245Q3 IDT-IDTQS34X2245Q3 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245Q3 IDT-IDTQS34X2245Q3 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245Q3G IDT-IDTQS34X2245Q3G Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
More results

Similar Description - IDTQS34X2245_12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Renesas Technology Corp
IDTQS34X245 RENESAS-IDTQS34X245 Datasheet
381Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
IDTQS34X2245 RENESAS-IDTQS34X2245 Datasheet
400Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH™ BUS SWITCHES
AUGUST 2012
logo
Integrated Device Techn...
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDTQS32XR245 IDT-IDTQS32XR245 Datasheet
54Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16-BIT LOW RESISTANCE MULTIWIDTH BUS SWITCH
IDTQS34XR245 IDT-IDTQS34XR245 Datasheet
58Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT LOW RESISTANCE MULTIWIDTHTM BUS SWITCHES
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com