Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2305-1PGGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 2305-1PGGI
Description  3.3V ZERO DELAY CLOCK BUFFER No external RC network required
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2305-1PGGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 2305-1PGGI Datasheet HTML 4Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 5Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 6Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 7Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 8Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 9Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 10Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 11Page - Integrated Device Technology 2305-1PGGI Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
PACKAGE OUTLINE AND PACKAGE DIMENSIONS - SOIC
H
E
H
D
12
N
INDEX
AREA
hx 45°
C
L
e
B
A
A1
SEATING
PLANE
.10 (.004)
SYMBOL
A
A1
B
C
D
E
e
H
h
L
N
MIN
MAX
SEE VARIATIONS
SEE VARIATIONS
MIN
MAX
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
(1)
1.35
1.75
.0532
.0688
0.10
0.25
.0040
.0098
0.33
0.51
.0130
.0200
0.19
0.25
.0075
.0098
3.80
4.00
.1497
.1574
1.27 BASIC
0.050 BASIC
5.80
6.20
0.25
0.50
0.40
1.27
.2284
.2440
.010
.020
.016
.050
150 mil (Narrow Body) SOIC
N
8
14
16
MIN
MAX
MIN
MAX
D (mm)
D(inch)
(1)
4.80
5.00
.1890
.1968
8.55
8.75
.3367
.3444
9.80
10.00
.3859
.3937
NOTE:
1. For reference only. Controlling dimensions are in mm.
VARIATIONS
NOTE:
1. For reference only. Controlling dimensions are in mm.


Similar Part No. - 2305-1PGGI

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2305-1 KR-2305-1 Datasheet
71Kb / 1P
   Bandpass Filter
logo
Integrated Device Techn...
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
More results

Similar Description - 2305-1PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com