Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST1235-7T Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST1235-7T
Description  Overvoltage protected AC switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-7T Datasheet(HTML) 1 Page - STMicroelectronics

  ACST1235-7T Datasheet HTML 1Page - STMicroelectronics ACST1235-7T Datasheet HTML 2Page - STMicroelectronics ACST1235-7T Datasheet HTML 3Page - STMicroelectronics ACST1235-7T Datasheet HTML 4Page - STMicroelectronics ACST1235-7T Datasheet HTML 5Page - STMicroelectronics ACST1235-7T Datasheet HTML 6Page - STMicroelectronics ACST1235-7T Datasheet HTML 7Page - STMicroelectronics ACST1235-7T Datasheet HTML 8Page - STMicroelectronics ACST1235-7T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2010
Doc ID 15238 Rev 4
1/13
13
ACST12
Overvoltage protected AC switch
Features
Triac with overvoltage crowbar technology
Low IGT (<10 mA) or high immunity
(IGT<35 mA) version
High noise immunity: static dV/dt > 2000 V/µs
Benefits
Enables equipment to meet IEC 61000-4-5
High off-state reliability with planar technology
Need no external over voltage protection
Reduces the power passive component count
High immunity against fast transients
described in IEC 61000-4-4 standards
Applications
AC mains static switching in appliance and
industrial control systems
Drive of medium power AC loads such as:
– Universal motor of washing machine drum
– Compressor for fridge or air conditioner
Description
The ACST12 series belongs to the ACS™/ACST
power switch family built with A.S.D.® (application
specific discrete) technology. This high
performance device is suited to home appliances
or industrial systems and drives loads up to 12 A.
This ACST12 switch embeds a Triac structure and
a high voltage clamping device able to absorb the
inductive turn-off energy and withstand line
transients such as those described in the
IEC 61000-4-5 standard. The ACST1210-7 needs
a low gate current to be activated (IGT < 10 mA)
and still provides a high electrical noise immunity
complying with the IEC 61000-4-4 standard. The
ACST1235-7 offers an extremely high static dV/dt
immunity of 2 kV/µs minimum.
Figure 1.
Functional diagram
TM: ACS is a trademark of STMicroelectronics
®: A.S.D. is a registered trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
700
V
IGT
10 or 35
mA
TO-220AB
ACST1210-7T
ACST1235-7T
COM
OUT
OUT
G
D2PAK
ACST1210-7G
ACST1235-7G
G
OUT
COM
G
COM
OUT
www.st.com


Similar Part No. - ACST1235-7T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST1235-7T STMICROELECTRONICS-ACST1235-7T Datasheet
163Kb / 13P
   Overvoltage protected AC switch
More results

Similar Description - ACST1235-7T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
   Overvoltage protected AC switch
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
   Overvoltage protected AC switch
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
   Overvoltage protected AC switch
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
   Overvoltage protected AC switch
ACST1010-7T STMICROELECTRONICS-ACST1010-7T Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST1210-7G STMICROELECTRONICS-ACST1210-7G Datasheet
163Kb / 13P
   Overvoltage protected AC switch
ACST210-8FP STMICROELECTRONICS-ACST210-8FP Datasheet
170Kb / 13P
   Overvoltage protected AC switch
ACST310-8B STMICROELECTRONICS-ACST310-8B Datasheet
317Kb / 14P
   Overvoltage protected AC switch
ACST210-8BTR STMICROELECTRONICS-ACST210-8BTR Datasheet
289Kb / 13P
   Overvoltage protected AC switch
May 2014 Rev 4
ACST1010-7FP STMICROELECTRONICS-ACST1010-7FP Datasheet
168Kb / 13P
   Overvoltage protected AC switch
ACST6 STMICROELECTRONICS-ACST6_09 Datasheet
184Kb / 15P
   Overvoltage protected AC switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com