Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60-8489-020-001-049 Datasheet(PDF) 7 Page - AVX Corporation

Part # 60-8489-020-001-049
Description  Style M Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

60-8489-020-001-049 Datasheet(HTML) 7 Page - AVX Corporation

  60-8489-020-001-049 Datasheet HTML 1Page - AVX Corporation 60-8489-020-001-049 Datasheet HTML 2Page - AVX Corporation 60-8489-020-001-049 Datasheet HTML 3Page - AVX Corporation 60-8489-020-001-049 Datasheet HTML 4Page - AVX Corporation 60-8489-020-001-049 Datasheet HTML 5Page - AVX Corporation 60-8489-020-001-049 Datasheet HTML 6Page - AVX Corporation 60-8489-020-001-049 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
82
Style M Contacts
Series 8489 – Special Contacts for Style M Connectors
Variation
Termination
ØA*
Performance
Ordering Code
Screw Ø3M
40 Ampere max.
70 8485 0214 00 343
.114 (2.90) for
.118 (3.00)
PCB hole
Press-Fit
Note: set
40 Ampere max.
70 8485 0314 00 343
PCB hole
spec
drilled hole 3.1-0.02
finish hole 3.0+0.04-0.06
NB: Please refer to page 49 for other special contacts and tools for Press-Fit Style M Connectors.
HIGH POWER RECEPTACLE CONTACT FOR RECEPTACLE SERIES 8484
19.5
[0.768]
± 0.012
± 0.008
15.8
[0.622]
PRESS-FIT SECTION FOR
PLATED HOLE 3.0MM DIA


Similar Part No. - 60-8489-020-001-049

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
60-8020-331-700-000 AVX-60-8020-331-700-000 Datasheet
74Kb / 1P
   Series 8020 ??Cable Connector
60-8283-0513-99-808 AVX-60-8283-0513-99-808 Datasheet
1Mb / 6P
   RECEPTACLE
More results

Similar Description - 60-8489-020-001-049

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
8489 AVX-8489 Datasheet
395Kb / 7P
   Style M Connectors
logo
DDK Ltd.
CM03A DDK-CM03A Datasheet
292Kb / 5P
   DeviceNet Mini-style Connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
RA-1611 ETC2-RA-1611 Datasheet
309Kb / 2P
   Disconnectable Crimp style connectors
S4B-PH-SM4-TB ETC2-S4B-PH-SM4-TB Datasheet
302Kb / 3P
   Disconnectable Crimp style connectors
logo
DDK Ltd.
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
logo
DDK Ltd.
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
   DeviceNet Micro-Style Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com