Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP5N30 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQP5N30
Description  300V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP5N30 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQP5N30 Datasheet HTML 1Page - Fairchild Semiconductor FQP5N30 Datasheet HTML 2Page - Fairchild Semiconductor FQP5N30 Datasheet HTML 3Page - Fairchild Semiconductor FQP5N30 Datasheet HTML 4Page - Fairchild Semiconductor FQP5N30 Datasheet HTML 5Page - Fairchild Semiconductor FQP5N30 Datasheet HTML 6Page - Fairchild Semiconductor FQP5N30 Datasheet HTML 7Page - Fairchild Semiconductor FQP5N30 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
  


70


#-
70
30
//8
/9
//8
.



70


#-
70
30
//8
/9
//8
.


70
30
/4
*/4


 
 


33

30
)
7
70
70
30
/4
*/4


 
 


33

30
)
7
70
-0 -0




300 33
300
33
30
300

33
-0
30
3


7

 3

-0 -0



-0 -0







300 33
300
33
30
300

33
-0
30
3


7

 3
 3

  #01 &$
"!#01 &$
2 $ 3"!#01 &$


Similar Part No. - FQP5N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP5N15 FAIRCHILD-FQP5N15 Datasheet
717Kb / 8P
   150V N-CHANNEL MOSFET
FQP5N20 FAIRCHILD-FQP5N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP5N20 ISC-FQP5N20 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N40 FAIRCHILD-FQP5N40 Datasheet
695Kb / 8P
   400V N-Channel MOSFET
More results

Similar Description - FQP5N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com