Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8811ICDGKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8811ICDGKT
Description  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDGKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8811ICDGKT Datasheet HTML 2Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 3Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 4Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 5Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 6Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 7Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 8Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 9Page - Texas Instruments DAC8811ICDGKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
6
0
− 6
− 12
− 18
− 24
− 30
− 36
− 42
− 48
− 54
− 60
− 66
− 72
− 78
− 84
− 90
− 96
− 102
− 108
− 114
1 0
1 00
1 k
10k
10 0k
1M
10 M
100M
Bandwidth (H z )
0x0001
0x0002
0x0004
0x0008
0x0010
0x0020
0x0040
0x0080
0x0100
0x0200
0x0400
0x0800
0x1000
0x2000
0x4000
0x8000
0xFFFF
0x0000
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Logic Input Voltage (V)
V
DD = +5.0V
V
DD = +2.7V
Time (0.1
µs/div)
Trigger Pulse
Voltage Output Settling
Time (0.2
µs/div)
Trigger Pulse
Code: 7FFFh to 8000h
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS: V
DD = 5 V (continued)
At T
A = 25°C, +VDD = 5 V, unless otherwise noted.
SUPPLY CURRENT
vs LOGIC INPUT VOLTAGE
REFERENCE MULTIPLYING BANDWIDTH
Figure 7.
Figure 8.
DAC GLITCH
DAC SETTLING TIME
Figure 9.
Figure 10.
6
Submit Documentation Feedback


Similar Part No. - DAC8811ICDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKTG4 TI1-DAC8811ICDGKTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8811ICDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com