Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8811ICDRBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8811ICDRBT
Description  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDRBT Datasheet(HTML) 1 Page - Texas Instruments

  DAC8811ICDRBT Datasheet HTML 1Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 2Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 3Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 4Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 5Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 6Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 7Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 8Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
D/A
Converter
Power-On
Reset
DAC
Register
Shift
Register
16
16
RFB
IOUT
GND
VDD
VREF
CS
CLK
SDI
DAC8811
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
• ±0.5 LSB DNL
The DAC8811 multiplying digital-to-analog converter
(DAC) is designed to operate from a single 2.7-V to
• 16-Bit Monotonic
5.5-V supply.
• ±1 LSB INL
The applied external reference input voltage VREF
• Low Noise: 12 nV/√Hz
determines the full-scale output current. An internal
• Low Power: I
DD = 2 µA
feedback
resistor
(RFB)
provides
temperature
• +2.7 V to +5.5 V Analog Power Supply
tracking for the full-scale output when combined with
an external I-to-V precision amplifier.
• 2 mA Full-Scale Current ±20%,
with VREF = 10 V
A serial data interface offers high-speed, three-wire
• 50-MHz Serial Interface
microcontroller-compatible inputs using data-in (SDI),
clock (CLK), and chip-select (CS).
• 0.5 µs Settling Time
• 4-Quadrant Multiplying Reference
On power-up, the DAC register is filled with zeroes,
and the DAC output is at zero scale.
• Reference Bandwidth: 10 MHz
The DAC8811 is packaged in space-saving 8-lead
• ±10 V Reference Input
SON and MSOP packages.
• Reference Dynamics: -105 THD
• Tiny 8-Lead 3 x 3 mm SON and 3 x 5 mm
MSOP Packages
• Industry-Standard Pin Configuration
• Automatic Test Equipment
• Instrumentation
• Digitally Controlled Calibration
• Industrial Control PLCs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8811ICDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811ICDRBT TI1-DAC8811ICDRBT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDRBTG4 TI1-DAC8811ICDRBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8811ICDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com