Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV2421SQX-NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # DS92LV2421SQX-NOPB
Description  DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV2421SQX-NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS92LV2421SQX-NOPB Datasheet HTML 6Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 7Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 8Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 9Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 10Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 11Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 12Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 13Page - Texas Instruments DS92LV2421SQX-NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
DS92LV2421, DS92LV2422
SNLS321B – MAY 2010 – REVISED APRIL 2013
www.ti.com
Recommended Operating Conditions
Min(1)
Nom
Max(1)
Units
Supply Voltage (VDDn)
1.71
1.8
1.89
V
LVCMOS Supply Voltage (VDDIO)
1.71
1.8
1.89
V
OR
LVCMOS Supply Voltage (VDDIO)
3.0
3.3
3.6
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
Clock Frequency
10
75
MHz
Supply Noise(2)
50
mVP-P
(1)
Specification is verified by design and is not tested in production.
(2)
Supply noise testing was done with minimum capacitors on the PCB. A sinusoidal signal is AC coupled to the VDDn (1.8V) supply with
amplitude = 100 mVp-p measured at the device VDDn pins. Bit error rate testing of input to the Ser and output of the Des with 10 meter
cable shows no error when the noise frequency on the Ser is less than 750 kHz. The Des on the other hand shows no error when the
noise frequency is less than 400 kHz.
Serializer DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Pin/Freq.
Min(4)
Typ
Max(4)
Units
LVCMOS INPUT DC SPECIFICATIONS
VIH
High Level Input
VDDIO = 3.0 to 3.6V
DI[23:0],
2.2
VDDIO
V
Voltage
CI1,CI2,CI3,
VDDIO = 1.71 to 1.89V
0.65*
VDDIO
V
CLKIN, PDB,
VDDIO
VODSEL,
VIL
Low Level Input
VDDIO = 3.0 to 3.6V
GND
0.8
V
RFB,
Voltage
BISTEN,
VDDIO = 1.71 to 1.89V
GND
0.35*
V
CONFIG[1:0]
VDDIO
IIN
Input Current
VIN = 0V or VDDIO
VDDIO = 3.0
−15
±1
+15
μA
to 3.6V
VDDIO = 1.7
−15
±1
+15
μA
to 1.89V
CML DRIVER DC SPECIFICATIONS(5)
VOD
Differential Output
RL = 100Ω,
VODSEL = 0
±205
±280
±355
mV
Voltage
De-emph = disabled, Figure 4
VODSEL = 1
±320
±420
±520
VODp-p
Differential Output
VODSEL = 0
560
mVp-p
Voltage
VODSEL = 1
840
mVp-p
(DOUT+) –
(DOUT-)
ΔVOD
Output Voltage
RL = 100Ω, De-emph = disabled, VODSEL = L
1
50
mV
Unbalance
VOS
Offset Voltage –
RL = 100Ω,
VODSEL = 0
1.65
V
DOUT+,
Single-ended
De-emph = disabled
DOUT-
VODSEL = 1
1.57
V
At TP A & B,
5
Figure 3
ΔVOS
Offset Voltage
RL = 100Ω, De-emph = disabled
1
mV
Unbalance
Single-ended
At TP A & B,
Figure 3
IOS
Output Short
DOUT+/- = 0V,
VODSEL = 0
−36
mA
Circuit Current
De-emph = disabled
(1)
The Electrical Characteristics tables list verified specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
verified.
(2)
Typical values represent most likely parametric norms at VDD = 3.3V, Ta = +25 degC, and at the Recommended Operation Conditions at
the time of product characterization and are not verified.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD,
ΔVOD, VTH and VTL which are differential voltages.
(4)
Specification is verified by design and is not tested in production.
(5)
Specification is verified by characterization and is not tested in production.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV2421 DS92LV2422


Similar Part No. - DS92LV2421SQX-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV2421SQX/NOPB TI1-DS92LV2421SQX/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
More results

Similar Description - DS92LV2421SQX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS90UR905Q-Q1 TI1-DS90UR905Q-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   5- to 65-MHz, 24-bit Color FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS90UR905Q NSC-DS90UR905Q Datasheet
1Mb / 44P
   5 - 65 MHz 24-bit Color FPD-Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com