Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1086IT-5.0-NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM1086IT-5.0-NOPB
Description  LM1086IT-5.0-NOPB
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086IT-5.0-NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM1086IT-5.0-NOPB Datasheet HTML 6Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 7Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 8Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 9Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 10Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 11Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 12Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 13Page - Texas Instruments LM1086IT-5.0-NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM1086
SNVS039H – JUNE 2000 – REVISED MAY 2013
www.ti.com
When the adjustable regulator is used (Figure 21), the best performance is obtained with the positive side of the
resistor R1 tied directly to the output terminal of the regulator rather than near the load. This eliminates line drops
from appearing effectively in series with the reference and degrading regulation. For example, a 5V regulator with
0.05
Ω resistance between the regulator and load will have a load regulation due to line resistance of 0.05Ω x IL.
If R1 (=125
Ω) is connected near the load the effective line resistance will be 0.05Ω (1 + R2/R1) or in this case, it
is 4 times worse. In addition, the ground side of the resistor R2 can be returned near the ground of the load to
provide remote ground sensing and improve load regulation.
Figure 21. Best Load Regulation using Adjustable Output Regulator
PROTECTION DIODES
Under normal operation, the LM1086 regulator does not need any protection diode. With the adjustable device,
the internal resistance between the adjustment and output terminals limits the current. No diode is needed to
divert the current around the regulator even with a capacitor on the adjustment terminal. The adjust pin can take
a transient signal of ±25V with respect to the output voltage without damaging the device.
When an output capacitor is connected to a regulator and the input is shorted, the output capacitor will discharge
into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage
of the regulator, and rate of decrease of VIN. In the LM1086 regulator, the internal diode between the output and
input pins can withstand microsecond surge currents of 10A to 20A. With an extremely large output capacitor
(
≥1000 µf), and with input instantaneously shorted to ground, the regulator could be damaged. In this case, an
external diode is recommended between the output and input pins to protect the regulator, shown in Figure 22.
Figure 22. Regulator with Protection Diode
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1086


Similar Part No. - LM1086IT-5.0-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086IT-5.0 NSC-LM1086IT-5.0 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-5.0/NOPB TI1-LM1086IT-5.0/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086IT-5.0/NOPB TI1-LM1086IT-5.0/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086IT-5.0/NOPB TI1-LM1086IT-5.0/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086IT-5.0-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
TAI-SAW TECHNOLOGY CO.,...
TN0068A TAI-SAW-TN0068A Datasheet
336Kb / 7P
   Thru 40MHz~1040MHz SMD 5.0 x 5.0 mm
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RTH PANASONIC-LN21RTH Datasheet
30Kb / 1P
   5.0 mm Series
logo
Vectron International, ...
VCC1FIBR VECTRON-VCC1FIBR Datasheet
93Kb / 1P
   5.0 Vcd Option
logo
Panasonic Semiconductor
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
   5.0 mm InGaAIP
logo
Vishay Siliconix
30CTT100 VISHAY-30CTT100_15 Datasheet
82Kb / 7P
   Schottky Generation 5.0
Revision: 19-Feb-08
logo
Golledge Electronics Lt...
GVXO-525 GOLLEDGE-GVXO-525 Datasheet
92Kb / 2P
   5.0 SM VCXO
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
   5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RCPH PANASONIC-LN21RCPH Datasheet
316Kb / 3P
   phi 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com