Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1875T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM1875T
Description  LM1875 20W Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1875T Datasheet(HTML) 3 Page - Texas Instruments

  LM1875T Datasheet HTML 1Page - Texas Instruments LM1875T Datasheet HTML 2Page - Texas Instruments LM1875T Datasheet HTML 3Page - Texas Instruments LM1875T Datasheet HTML 4Page - Texas Instruments LM1875T Datasheet HTML 5Page - Texas Instruments LM1875T Datasheet HTML 6Page - Texas Instruments LM1875T Datasheet HTML 7Page - Texas Instruments LM1875T Datasheet HTML 8Page - Texas Instruments LM1875T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM1875
www.ti.com
SNAS524A – MAY 2004 – REVISED MAY 2004
Electrical Characteristics
VCC=+25V, −VEE=−25V, TAMBIENT=25°C, RL=8Ω, AV=20 (26 dB), fo=1 kHz, unless otherwise specified.
Parameter
Conditions
Typical
Tested Limits
Units
Supply Current
POUT=0W
70
100
mA
Output Power(1)
THD=1%
25
W
THD(1)
POUT=20W, fo=1 kHz
0.015
%
POUT=20W, fo=20 kHz
0.05
0.4
%
POUT=20W, RL=4Ω, fo=1 kHz
0.022
%
POUT=20W, RL=4Ω, fo=20 kHz
0.07
0.6
%
Offset Voltage
±1
±15
mV
Input Bias Current
±0.2
±2
μA
Input Offset Current
0
±0.5
μA
Gain-Bandwidth Product
fo=20 kHz
5.5
MHz
Open Loop Gain
DC
90
dB
PSRR
VCC, 1 kHz, 1 Vrms
95
52
dB
VEE, 1 kHz, 1 Vrms
83
52
dB
Max Slew Rate
20W, 8
Ω, 70 kHz BW
8
V/
μs
Current Limit
VOUT = VSUPPLY −10V
4
3
A
Equivalent Input Noise Voltage
RS=600Ω, CCIR
3
μVrms
(1)
Assumes the use of a heat sink having a thermal resistance of 1°C/W and no insulator with an ambient temperature of 25°C. Because
the output limiting circuitry has a negative temperature coefficient, the maximum output power delivered to a 4
Ω load may be slightly
reduced when the tab temperature exceeds 55°C.
Typical Applications For Single Supply Operation
Figure 2.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1875


Similar Part No. - LM1875T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875T NSC-LM1875T Datasheet
481Kb / 11P
   20W Audio Power Amplifier
logo
Texas Instruments
LM1875T TI-LM1875T Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
LM1875T/LB02 TI-LM1875T/LB02 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
LM1875T/LB03 TI-LM1875T/LB03 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
LM1875T/LB05 TI-LM1875T/LB05 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
More results

Similar Description - LM1875T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
   20W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
   20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 17P
[Old version datasheet]   20W Audio Power Amplifier
MAY 2004
logo
Unisonic Technologies
LM1875 UTC-LM1875_05 Datasheet
149Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA1397 HITACHI-HA1397 Datasheet
570Kb / 7P
   20W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
   Integrated Circuit Audio Power Amplifier, 20W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com