Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1085ISX-ADJ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM1085ISX-ADJ
Description  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085ISX-ADJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM1085ISX-ADJ Datasheet HTML 6Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 7Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 8Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 9Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 10Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 11Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 12Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 13Page - Texas Instruments LM1085ISX-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM1085
SNVS038G – JULY 1999 – REVISED MARCH 2013
www.ti.com
THERMAL CONSIDERATIONS FOR THE TO-220 PACKAGE
ICs heats up when in operation, and power consumption is one factor in how hot it gets. The other factor is how
well the heat is dissipated. Heat dissipation is predictable by knowing the thermal resistance between the IC and
ambient (
θJA). Thermal resistance has units of temperature per power (°C/W). The higher the thermal resistance,
the hotter the IC.
The LM1085 specifies the thermal resistance for the TO-220 package as Junction to Case (
θJC). In order to get
the total resistance to ambient (
θJA), two other thermal resistances must be added, one for case to heat-sink
(
θCH) and one for heatsink to ambient (θHA). The junction temperature can be predicted as follows:
TJ = TA + (PD x (θJC + θCH + θHA))
(1)
TJ = TA + (PD x θJA)
(2)
where TJ is junction temperature, TA is ambient temperature, and PD is the power dissipation of the device.
Device power dissipation is calculated as follows:
PD = OUTPUT Section Dissipation + CONTROL Section Dissipation
(3)
PD = ( (VIN - VOUT) x ILOAD) + ( (VIN - VOUT) x IGND)
(4)
Figure 20 shows the voltages and currents which are present in the circuit.
Figure 20. Power Dissipation Diagram
Once the devices power is determined, the maximum allowable (
θJA(max)) is calculated as:
θJA(MAX) = TR(MAX) / PD
(5)
θJA(MAX)= TJ(MAX) - TA(MAX)) / PD
(6)
The required heat sink is determined by calculating its required thermal resistance (
θHA(MAX)).
θHA(MAX) = θJA(MAX) − (θJC + θCH)
(7)
If thermal compound is used,
θCH can be estimated at 0.2 C/W. If the case is soldered to the heat sink, then a
θCH can be estimated as 0 C/W.
If PC board copper is going to be used as a heat sink, then Figure 21 can be used to determine the appropriate
area (size) of copper foil required.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1085


Similar Part No. - LM1085ISX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1085ISX-ADJ NSC-LM1085ISX-ADJ Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085ISX-ADJ TI1-LM1085ISX-ADJ Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085ISX-ADJ/ TI1-LM1085ISX-ADJ/ Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

Similar Description - LM1085ISX-ADJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com