Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4210GTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZVN4210GTA
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN4210GTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZVN4210GTA Datasheet HTML 1Page - Diodes Incorporated ZVN4210GTA Datasheet HTML 2Page - Diodes Incorporated ZVN4210GTA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DRAIN-SOURCE DIODE CHARACTERISTICS
PARAMETER
SYMBOL MIN.
TYP
MAX. UNIT CONDITIONS.
Diode Forward Voltage (1)
VSD
-
-
0.79
0.89
-
-
V
V
IS=0.32A, VGS=0V
IS=1.0A, VGS=0V
Reverse Recovery Time
(to IR=10%)
TRR
-
135
ns
IF=0.45A, VGS=0V,
IR=100mA, VR=10V
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50
Ω source impedance and <5ns rise time on a pulse generator
Spice parameter data is available upon request for this device
ZVN4210G


Similar Part No. - ZVN4210GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4210G ZETEX-ZVN4210G Datasheet
36Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4210G DIODES-ZVN4210G Datasheet
48Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210G DIODES-ZVN4210G_15 Datasheet
467Kb / 5P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4210GTA

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com