Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6551 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6551
Description  50 MHz 0.1 dB Bandwidth, 2400 V/關s Slew Rate, 18 ns Settling Time to 0.05%
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6551 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6551 Datasheet HTML 5Page - Texas Instruments LMH6551 Datasheet HTML 6Page - Texas Instruments LMH6551 Datasheet HTML 7Page - Texas Instruments LMH6551 Datasheet HTML 8Page - Texas Instruments LMH6551 Datasheet HTML 9Page - Texas Instruments LMH6551 Datasheet HTML 10Page - Texas Instruments LMH6551 Datasheet HTML 11Page - Texas Instruments LMH6551 Datasheet HTML 12Page - Texas Instruments LMH6551 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
-110
-100
-90
-80
-70
-60
-50
VS = ±5V
VOUT = 2 VPP
VCM = 0V
RL = 800:
HD3
HD2
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
VS = 5V
VOUT = 2 VPP
VCM = 2.5V
RL = 800:
HD2
HD3
0
5
10 15 20 25 30 35 40 45 50
-3
-2
-1
0
1
2
3
TIME (ns)
VS = ±5V
RL = 500:
RF = 360:
0
5
10 15 20 25 30 35 40 45 50
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
TIME (ns)
VS = ±5V
RL = 500:
RF = 360:
VOUT = 4 VPP
0
5
10 15 20 25 30 35 40 45 50
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
TIME (ns)
VS = 3.3V
RL = 500:
RF = 360:
0
5
10 15 20 25 30 35 40 45 50
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
VS = 5V
RL = 500:
RF = 360:
LMH6551
www.ti.com
SNOSAK7C – FEBRUARY 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 500Ω, RF = RG = 365Ω; Unless Specified).
1 VPP Pulse Response Single Ended Input
2 VPP Pulse Response Single Ended Input
Figure 9.
Figure 10.
Large Signal Pulse Response
Output Common Mode Pulse Response
Figure 11.
Figure 12.
Distortion
Distortion
vs.
vs.
Frequency
Frequency
Figure 13.
Figure 14.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6551


Similar Part No. - LMH6551

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6551MA NSC-LMH6551MA Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
More results

Similar Description - LMH6551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9051_1906 TI1-TLV9051_1906 Datasheet
4Mb / 70P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051_1904 TI1-TLV9051_1904 Datasheet
3Mb / 63P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
logo
List of Unclassifed Man...
4033 ETC2-4033 Datasheet
279Kb / 3P
   Repetition rate of 0.1 Hz to 50 MHz
logo
Texas Instruments
TLV9051 TI1-TLV9051_V01 Datasheet
4Mb / 76P
[Old version datasheet]   TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
   Ultra-fast settling time (down to 50 ms)
SFC5400 ETC2-SFC5400 Datasheet
630Kb / 12P
   Ultra-fast settling time (down to 50 ms)
logo
Texas Instruments
LMH6881 TI1-LMH6881 Datasheet
1Mb / 35P
[Old version datasheet]   Small Signal Bandwidth: 2400 MHz
LMH6882 TI1-LMH6882 Datasheet
1Mb / 38P
[Old version datasheet]   Small Signal Bandwidth: 2400 MHz
logo
Voltage Multipliers Inc...
SPJ100F VMI-SPJ100F Datasheet
35Kb / 2P
   10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
SPJ100S VMI-SPJ100S Datasheet
35Kb / 2P
   10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com