Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16C864IQ-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16C864IQ-F
Description  2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C864IQ-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16C864IQ-F Datasheet HTML 6Page - Exar Corporation XR16C864IQ-F Datasheet HTML 7Page - Exar Corporation XR16C864IQ-F Datasheet HTML 8Page - Exar Corporation XR16C864IQ-F Datasheet HTML 9Page - Exar Corporation XR16C864IQ-F Datasheet HTML 10Page - Exar Corporation XR16C864IQ-F Datasheet HTML 11Page - Exar Corporation XR16C864IQ-F Datasheet HTML 12Page - Exar Corporation XR16C864IQ-F Datasheet HTML 13Page - Exar Corporation XR16C864IQ-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
XR16C864
10
2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
REV. 2.2.0
2.2
5-Volt Tolerant Inputs
For devices that have top mark date code "F2 YYWW" and newer, the 864 can accept a voltage of up to 5.5V
on any of its inputs (except XTAL1) when operating from 2.97V to 5.5V. XTAL1 is not 5 volt tolerant. Devices
that have top mark date code "DC YYWW" and older do not have 5V tolerant inputs.
2.3
Device Reset
The RESET input resets the internal registers and the serial interface outputs in all four channels to their
default state (see Table 19). An active high pulse of longer than 40 ns duration will be required to activate the
reset function in the device. Following a power-on reset or an external reset, the 864 is software compatible
with previous generation of UARTs, 16C454 and 16C554 and 16C654.
2.4
Device Identification and Revision
The XR16C864 provides a Device Identification code and a Device Revision code to distinguish the part from
other devices and revisions. To read the identification code from the part, it is required to set the baud rate
generator registers DLL and DLM both to 0x00. Now reading the content of the DLM will provide 0x14 for the
XR16C864 and reading the content of DLL will provide the revision of the part; for example, a reading of 0x01
means revision A.
2.5
Channel Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. During Intel Bus Mode (16/68# pin is connected to VCC), a
logic 0 on chip select pins, CSA#, CSB#, CSC# or CSD# allows the user to select UART channel A, B, C or D
to configure, send transmit data and/or unload receive data to/from the UART. Selecting all four UARTs can be
useful during power up initialization to write to the same internal registers, but do not attempt to read from all
four uarts simultaneously. Individual channel select functions are shown in Table 1.
During Motorola Bus Mode (16/68# pin is connected to GND), the package interface pins are configured for
connection with Motorola, and other popular microprocessor bus types. In this mode the 864 decodes two
additional addresses, A3 and A4, to select one of the four UART ports. The A3 and A4 address decode
function is used only when in the Motorola Bus Mode. See Table 2.
TABLE 1: CHANNEL A-D SELECT IN 16 MODE
CSA#
CSB#
CSC#
CSD#
FUNCTION
1
1
1
1
UART de-selected
0
1
1
1
Channel A selected
1
0
1
1
Channel B selected
1
1
0
1
Channel C selected
1
1
1
0
Channel D selected
0
0
0
0
Channels A-D selected
TABLE 2: CHANNEL A-D SELECT IN 68 MODE
CS#
A4
A3
FUNCTION
1
N/A
N/A
UART de-selected
0
0
0
Channel A selected
0
0
1
Channel B selected
0
1
0
Channel C selected
0
1
1
Channel D selected


Similar Part No. - XR16C864IQ-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864IQ EXAR-XR16C864IQ Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results

Similar Description - XR16C864IQ-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com