Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4950TSX-NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4950TSX-NOPB
Description  LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4950TSX-NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4950TSX-NOPB Datasheet HTML 1Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 2Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 3Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 4Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 5Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 6Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 7Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 8Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM4950
SNAS174E – JULY 2003 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 12V
(1) (2)
The following specifications apply for VDD = 12V, AV = 0dB (SE) or 6dB (BTL) unless otherwise specified. Limits apply for TA =
25°C.
Symbol
Parameter
Conditions
LM4950
Units
(Limits)
Typical(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A, No Load
16
30
mA (max)
ISD
Shutdown Current
VSHUTDOWN = GND
(6)
40
80
µA (max)
VOS
Offset Voltage
VIN = 0V, RL = 8Ω
5
30
mV (max)
VSDIH
Shutdown Voltage Input High
2.0
V (min)
VDD/2
V (max)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
TWU
Wake-up Time
CB = 10µF
440
ms
150
°C (min)
TSD
Thermal Shutdown Temperature
170
190
°C (max)
PO
Output Power
f = 1kHz
RL = 4Ω SE, Single Channel, THD+N
3.0
W (min)
= 1%
3.1
RL = 8Ω BTL, THD+N = 10%
7.5
PO = 2.5Wrms; f = 1kHz;
0.05
RL = 4Ω SE
THD+N
Total Harmomic Distortion + Noise
%
PO = 2.5Wrms; AV = 10; f = 1kHz; RL
0.14
= 4
Ω, SE
εOS
Output Noise
A-Weighted Filter, VIN = 0V,
10
µV
Input Referred
XTALK
Channel Separation
fIN = 1kHz, PO = 1W, SE Mode
RL = 8Ω
76
dB
RL = 4Ω
70
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVp-p, f = 1kHz,
70
56
dB (min)
RL = 8Ω, BTL
IOL
Output Current Limit
VIN = 0V, RL = 500mΩ
5
A
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics VDD = 12V state DC and AC
electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within
the Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for
minimum shutdown current.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4950


Similar Part No. - LM4950TSX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4950TS NSC-LM4950TS Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
More results

Similar Description - LM4950TSX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Texas Instruments
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
   DUAL 7.5W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com